Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 111 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 111 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 105Page - Dialog Semiconductor ATXP032 Datasheet HTML 106Page - Dialog Semiconductor ATXP032 Datasheet HTML 107Page - Dialog Semiconductor ATXP032 Datasheet HTML 108Page - Dialog Semiconductor ATXP032 Datasheet HTML 109Page - Dialog Semiconductor ATXP032 Datasheet HTML 110Page - Dialog Semiconductor ATXP032 Datasheet HTML 111Page - Dialog Semiconductor ATXP032 Datasheet HTML 112Page - Dialog Semiconductor ATXP032 Datasheet HTML 113Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 111 / 113 page
background image
Corporate Office
California | USA
Adesto Headquarters
3600 Peterson Way
Santa Clara, CA 95054
Phone: (+1) 408.400.0578
Email: contact@adestotech.com
Copyright © 2020 Adesto Technologies. All rights reserved. DS-ATXP032–114I–4-2020
Adesto, the Adesto logo, CBRAM and DataFlash are trademarks or registered trademarks of Adesto Technologies Corporation in the United States and other countries. Other company, product, and service
names may be trademarks or service marks of others. Adesto products are covered by one or more patents listed at http://www.adestotech.com/patents.
Disclaimer: Adesto Technologies Corporation (“Adesto”) makes no warranties of any kind, other than those expressly set forth in Adesto’s Terms and Conditions of Sale at
http://www.adestotech.com/terms-conditions.
Adesto assumes no responsibility or obligations for any errors which may appear in this document, reserves the right to change devices or specifications
herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Adesto are granted by Adesto
herewith or in connection with the sale of Adesto products, expressly or by implication. Adesto’s products are not authorized for use in medical applications (including, but not limited to, life support systems
and other medical equipment), weapons, military use, avionics, satellites, nuclear applications, or other high risk applications (e.g., applications that, if they fail, can be reasonably expected to result in
personal injury or death) or automotive applications, without the express prior written consent of Adesto.
19. Revision History
Revision
Date
Change History
A
6/2016
Initial document release.
B
7/2016
Updated ordering code table with tray and tape and reel options.
C
9/2016
Updated Section 11.2.2 description. Corrected Manufacturer ID in Figure 12-1.
Corrected Table 12-16 (4 megabytes). Updated Program and Erase Characteristics.
Corrected Table 6-2 (Opcode 9Fh, data bytes).
D
3/2017
Updated behavior of DS signal. DS is now driven all the time while CS is low. Timing parameters
for DS (t
RPRE and tCSDS) updated accordingly. DS polarity is changed in SDR mode, DS is now
driven high in the first half of the data output cycle, and low in the second half. Read Array
command (03h opcode, 1-1-1 mode) changed from 4 address bytes to 3. This command is no
longer allowed during Program or Erase, but still allowed during Program/Erase Suspend.
Program OTP Security Register (9Bh) command updated to allow multiple program
operations.Clarifications: The HOLD function is only available while the device remains in
Standard SPI Mode after power up. If the WP pin is left floating, the WPP bit will have an
undefined value. EPE bit description is updated.
E
11/2017
Added Concurrent Read and Write feature to ordering codes and references. Updated pin
descriptions of WP pin. HOLD functionality removed from IO
3. Updated the description of the
Reset functions. Timing parameters updated to meet JEDEC xSPI spec. Max ICC2 numbers
updated to reflect worst case scenario (Typical values unchanged.) Program and Erase times
updated. Power-Up timing diagrams and description updated.
F
12/2018
Document status updated from Advanced to Preliminary. Updated maximum operating frequency
for 0Bh and 0Ch read operations. Wrap length 64 not supported. Updated
Table 12-8, Dummy
Clock Cycles and Maximum Operating Frequency — -40
oC to +85 oC and SFDP values
in
Table 12-35 and Table 12-40 accordingly. Minimum operating voltage changed to 1.7V.
Program and erase times updated. I
DPD and ICC2 updated. SFDP table updated to meet
JESD216C. STR/DTR terms changed to SDR/DDR to match JESD216C.
G
04/2019
Maximum operating speed is increased to 150MHz for Octal DDR, 166MHz for Quad. Updated
buffer description in section 8.2. Updated Table 11-8 values; removed column for SPI mode.
Updated Table 12-3 EDI Data (Device revision). Updated Section 12-17 SFDP: Basic Parameter
Table 10th, 11th, 16th and 20th DWORD. Updated description and values of last 4 bits in SCCR
Map Parameter Table 3rd and 4th DWORD to match JESD216D. Added/updated Section 12.17.1
SFDP Register Summary. Updated all JESD216C references to JESD216D. 13.5 AC
Characteristics: Updated t
DSDCD,tRQ, tRQH. Removed tCLKR and tCLKF (Redundant parameters).
Added timing for tDSLCSH, updated Fig 15-2 for same. 13.6 Program and Erase Characteristics:
Updated Footnote 2.
H
10/2019
Removed references to ATXP032R.
Removed references to Quad Mode.
Removed references to QPI mode.
Removed Read-While-Write transfer type.
Updated legal page.
Updated to new Adesto template.
Removed SFDP tables in Section 12.16.1.
Updated all single mode transfers to ‘SDR mode’ nomenclature.
Updated all dual mode transfers to ‘DDR mode’ nomenclature.
Updated contents of Terminate (F0h) row in Table 12-4.
Removed references to sequential programming.
Changed I
LI parameter in DC Characteristics table from 1 to 2 µA.
Updated use of footnotes in Table 13.5, AC Characteristics.
Updated t
XUDPD parameter in Table 13.5, AC Characteristics.
Changed minimum operating voltage from 1.65V to 1.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com