Electronic Components Datasheet Search
  English  ▼

X  

P5021 Datasheet(PDF) 132 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 128Page - NXP Semiconductors P5021 Datasheet HTML 129Page - NXP Semiconductors P5021 Datasheet HTML 130Page - NXP Semiconductors P5021 Datasheet HTML 131Page - NXP Semiconductors P5021 Datasheet HTML 132Page - NXP Semiconductors P5021 Datasheet HTML 133Page - NXP Semiconductors P5021 Datasheet HTML 134Page - NXP Semiconductors P5021 Datasheet HTML 135Page - NXP Semiconductors P5021 Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Hardware design considerations
Freescale Semiconductor
132
3.1.4
Core complex PLL select
The clock frequency of each of the core 0–1 complex is determined by the binary value of the RCW field Cn_PLL_SEL. This
table describes the supported ratios for each core complex 0-1, where each individual core complex can select a frequency from
the table.
3.1.5
DDR controller PLL ratios
The dual DDR memory controller complexes can be synchronous with or asynchronous to the platform, depending on
configuration. Both DDR controllers operate at the same frequency configuration.
Table 98 describes the clock ratio between the DDR memory controller PLLs and the externally supplied SYSCLK input
(asynchronous mode) or from the platform clock (synchronous mode).
In asynchronous DDR mode, the DDR data rate to SYSCLK ratios supported are listed in Table 98. This ratio is determined by
the binary value of the RCW Configuration field MEM_PLL_RAT[10:14]. The corresponding setting for
MEM_PLL_CFG[0:1] is listed in Table 99.
NOTE
The RCW Configuration field DDR_SYNC (bit 184) must be set to b’0 for asynchronous
mode, and b’1 for synchronous mode.
The RCW Configuration field DDR_RATE (bit 232) must be set to b’0 for asynchronous
mode, and b’1 for synchronous mode.
The RCW Configuration field DDR_RSV0 (bit 234) must be set to b’0 for all ratios.
Table 97. Core complex [0,
1] PLL select
Binary value of Cn_PLL_SEL
Core cluster ratio
0000
CC1 PLL /1
0001
CC1 PLL /2
0100
CC2 PLL /1
0101
CC2 PLL/2
All Others
Reserved
Note: If CC2 PLL is used by core0 or core1, then CC2 PLL must be operated
at a lower frequency than the CC1 PLL, and its maximum allowed
frequency is 80% of the maximum rated frequency of the core at nominal
voltage.
Table 98. Asynchronous DDR clock ratio
Binary value of MEM_PLL_RAT[10:14]
DDR:SYSCLK ratio
0_0101
5:1
0_0110
6:1
0_1000
8:1
0_1001
9:1
0_1010
10:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com