Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 99Page - NXP Semiconductors MMPF0100 Datasheet HTML 100Page - NXP Semiconductors MMPF0100 Datasheet HTML 101Page - NXP Semiconductors MMPF0100 Datasheet HTML 102Page - NXP Semiconductors MMPF0100 Datasheet HTML 103Page - NXP Semiconductors MMPF0100 Datasheet HTML 104Page - NXP Semiconductors MMPF0100 Datasheet HTML 105Page - NXP Semiconductors MMPF0100 Datasheet HTML 106Page - NXP Semiconductors MMPF0100 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 136 page
background image
NXP Semiconductors
103
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Table 119. Register INTSENSE0 - ADDR 0x07
Name
Bit #
R/W
Default
Description
PWRONS
0
R
0
Power on sense bit
• 0 = PWRON low
• 1 = PWRON high
LOWVINS
1
R
0
Low-voltage sense bit
• 0 = VIN > 2.8 V
• 1 = VIN
≤ 2.8 V
THERM110S
2
R
0
110 °C thermal sense bit
• 0 = Below threshold
• 1 = Above threshold
THERM120S
3
R
0
120 °C thermal sense bit
• 0 = Below threshold
• 1 = Above threshold
THERM125S
4
R
0
125 °C thermal sense bit
• 0 = Below threshold
• 1 = Above threshold
THERM130S
5
R
0
130 °C thermal sense bit
• 0 = Below threshold
• 1 = Above threshold
UNUSED
6
–
0
unused
VDDOTPS
7
R
00
Additional VDDOTP voltage sense pin
• 0 = VDDOTP grounded
• 1 = VDDOTP to VCOREDIG or greater
Table 120. Register INTSTAT1 - ADDR 0x08
Name
Bit #
R/W
Default
Description
SW1AFAULTI
0
R/W1C
0
SW1A overcurrent interrupt bit
SW1BFAULTI
1
R/W1C
0
SW1B overcurrent interrupt bit
SW1CFAULTI
2
R/W1C
0
SW1C overcurrent interrupt bit
SW2FAULTI
3
R/W1C
0
SW2 overcurrent interrupt bit
SW3AFAULTI
4
R/W1C
0
SW3A overcurrent interrupt bit
SW3BFAULTI
5
R/W1C
0
SW3B overcurrent interrupt bit
SW4FAULTI
6
R/W1C
0
SW4 overcurrent interrupt bit
UNUSED
7
–
0
unused
Table 121. Register INTMASK1 - ADDR 0x09
Name
Bit #
R/W
Default
Description
SW1AFAULTM
0
R/W
1
SW1A overcurrent interrupt mask bit
SW1BFAULTM
1
R/W
1
SW1B overcurrent interrupt mask bit
SW1CFAULTM
2
R/W
1
SW1C overcurrent interrupt mask bit
SW2FAULTM
3
R/W
1
SW2 overcurrent interrupt mask bit
SW3AFAULTM
4
R/W
1
SW3A overcurrent interrupt mask bit
SW3BFAULTM
5
R/W
1
SW3B overcurrent interrupt mask bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com