Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 104Page - NXP Semiconductors MMPF0100 Datasheet HTML 105Page - NXP Semiconductors MMPF0100 Datasheet HTML 106Page - NXP Semiconductors MMPF0100 Datasheet HTML 107Page - NXP Semiconductors MMPF0100 Datasheet HTML 108Page - NXP Semiconductors MMPF0100 Datasheet HTML 109Page - NXP Semiconductors MMPF0100 Datasheet HTML 110Page - NXP Semiconductors MMPF0100 Datasheet HTML 111Page - NXP Semiconductors MMPF0100 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 136 page
background image
108
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.5.6.1
Register map
Table 136. Functional page
BITS[7:0]
Add
Register name R/W
Default
7
6
5
4
3
2
1
0
00
DeviceID
R
8'b0001_0000
–
–
–
–
DEVICE ID [3:0]
00
0
1
0
0
0
0
03
SILICONREVID
R
8'b0001_0000
FULL_LAYER_REV[3:0]
METAL_LAYER_REV[3:0]
X
X
X
XXX
X
X
04
FABID
R
8'b0000_0000
–
–
–
–
FAB[1:0]
FIN[1:0]
00
0
0
0
0
0
0
05
INTSTAT0
RW1C
8'b0000_0000
––
THERM130I
THERM125I
THERM120I
THERM110I
LOWVINI
PWRONI
00
0
0
0
0
0
0
06
INTMASK0
R/W
8'b0011_1111
––
THERM130M
THERM125M
THERM120M
THERM110M
LOWVINM
PWRONM
00
1
1
1
1
1
1
07
INTSENSE0
R
8'b00xx_xxxx
VDDOTPS
RSVD
THERM130S
THERM125S
THERM120S
THERM110S
LOWVINS
PWRONS
0
0
x
xxx
x
x
08
INTSTAT1
RW1C
8'b0000_0000
–
SW4FAULTI
SW3BFAULTI
SW3AFAULTI
SW2FAULTI
SW1CFAULTI
SW1BFAULTI
SW1AFAULTI
00
0
0
0
0
0
0
09
INTMASK1
R/W
8'b0111_1111
–
SW4FAULTM
SW3BFAULTM
SW3AFAULTM
SW2FAULTM
SW1CFAULTM
SW1BFAULTM
SW1AFAULTM
01
1
1
1
1
1
1
0A
INTSENSE1
R
8'b0xxx_xxxx
–
SW4FAULTS
SW3BFAULTS
SW3AFAULTS
SW2FAULTS
SW1CFAULTS
SW1BFAULTS
SW1AFAULTS
0
x
x
xxx
x
x
0E
INTSTAT3
RW1C
8'b0000_0000
OTP_ECCI
–
–
–
–
–
–
SWBSTFAULTI
00
0
0
0
0
0
0
0F
INTMASK3
R/W
8'b1000_0001
OTP_ECCM
–
–
–
–
–
–
SWBSTFAULTM
10
0
0
0
0
0
1
10
INTSENSE3
R
8'b0000_000x
OTP_ECCS
–
–
–
–
–
–
SWBSTFAULTS
00
0
0
0
0
0
x
11
INTSTAT4
RW1C
8'b0000_0000
––
VGEN6FAULTI
VGEN5FAULTI
VGEN4FAULTI
VGEN3FAULTI
VGEN2FAULTI
VGEN1FAULTI
00
0
0
0
0
0
0
12
INTMASK4
R/W
8'b0011_1111
––
VGEN6
FAULTM
VGEN5
FAULTM
VGEN4
FAULTM
VGEN3
FAULTM
VGEN2
FAULTM
VGEN1
FAULTM
00
1
1
1
1
1
1
13
INTSENSE4
R
8'b00xx_xxxx
––
VGEN6
FAULTS
VGEN5
FAULTS
VGEN4
FAULTS
VGEN3
FAULTS
VGEN2
FAULTS
VGEN1
FAULTS
0
0
x
xxx
x
x
1A
COINCTL
R/W
8'b0000_0000
––
–
–
COINCHEN
VCOIN[2:0]
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com