Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-11-
PIN DESCRIPTIONS
No.
Name
Type
Description
RMII interface
See Fig. 2 CSDV[7:0]
I
Carries sense and data valid from port 7 to port 0 :
See Fig. 2 RXD0[7:0]
I
Receive data zero from port 7 to port 0 :
See Fig. 2 RXD1[7:0]
I
Receive data one from port 7 to port 0 :
See Fig. 2 TXEN[7:0]
O
Transmit enable from port 7 to port 0 :
See Fig. 2 TXD0[7:0]
O
Transmit data zero from port 7 to port 0 :
See Fig. 2 TXD1[7:0]
O
Transmit data one from port 7 to port 0 :
SRAM Interface
See Fig. 2 SA[15:1]
O
SRAM Address Bus:
15-bit SDRAM data bus. These signals connect directly to the address
input of the SDRAM devices.
See Fig. 2
SOE
O
Output Enable
See Fig. 2
SWE
O
SRAM Write Enable
See Fig. 2
SADS
O
Synchronous Processor Address Status
See Fig. 2 SD[31:0]
I/O
SRAM Data:
32-bit SRAM data bus. These signals connect directly to the data
input/output pins of the SRAM devices.
Miscellaneous Interface
See Fig. 2 EEC/LEDC
O
Serial EEPROM Interface Clock (if strapping SD25 is default high)
The on-board EEPROM device address must be 1010 001 XXXXXXXX.
Serial LED Serial-Out Clock (if strapping SD25 is low)
The LEDC is 1MHz and has a burst per 50ms.
See Fig. 2 EEIO/LEDIO
I/O
Serial EEPROM Interface Data (if strapping SD25 is default high)
Serial LED Serial-Out Data Output (if strapping SD25 is low)
See Fig. 2 MDC
O
Management Interface (MI) Clock Output
See Fig. 2 MDIO
I/O
Management Interface (MI) Data I/O
See Fig. 2 RCLK50
I
50MHz Main Reference Clock
See Fig. 2 SCLK
I
SRAM Reference Clock
The suggested clock rate is 83MHz or more high for non-blocking
requirement.
See Fig. 2
RESET
I
SYSTEM RESET
Power Supply & Ground
See Fig. 2 VDD
P
Positive 3.3V supply to the core digital logic.
See Fig. 2 VCC
P
Positive 3.3V supply to all I/O pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com