Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-18-
(3)
This is the bit mask of the destination ports corresponding to the forwarding table slot.
The bits 49 and 48, corresponding to CPU port and MII port respectively, should be
zero in VT6508.
(4)
bits 57..56: Age Count
(5)
If this field is equal to zero, it means this slot is an empty one; otherwise, it is valid.
When the auto-aging is enabled (by default), every valid slot’ age count will be
decreased by one per 100 seconds.
(6)
bits 58: Static Flag
(7)
This flag is used to program a static MAC slot, that will not be overwritten by dynamic
learning mechanism, with specified forwarding port mask for special purpose.
(8)
bits 59: Over-Write Flag
During learning, if both slots are used, the 3rd address will replace one of the slots
according to current value of the concatenated over-write order pointer and their static
bits regardless of ages of the two slots.
Let the concatenated over-write pointer ow[1:0] = (over-write pointer of slot 1,
over-write pointer of slot 0).
Let static[1:0] = {static bit of slot 1, static bit of slot 0}.
The possible mapping of ow[1:0] and static[1:0] are as follows:
static[1:0]
ow[1:0]
(0,0)
(0,1)
(1,1)
(1,0)
(0,0)
0
1
x
0
(0,1)
1
1
x
0
(1,1)
0
1
x
0
(1,0)
1
1
x
0
The internal operation rules for the over-write pointer are as follows:
(1) When a slot is over-written, its over-write pointer is toggled.
(2) When one of the slots is a static entry, the static entry must always be placed in slot
0, and slot 1 is always the entry over-written. Over-write pointer has no effect what
so ever here.
(3) When both slots are static, no entry can be written to either slot by the learning
process.
(4) When update an entry, value of the over-write pointer must not be changed unless
indicated otherwise, i.e. over-writing an existing slot.
Another data structures in SRAM memory layout is the packet buffer pool, located at the
upper address space. Every packet buffer is 1.5K bytes with a corresponding embedded link
node in the tailing 8 bytes. The embedded link nodes are used to construct output queues, one
queue for each output port. Its structure is shown in Figure 5, composed of:
(1) bits 9..0: Next Packet Buffer ID
(2) bits 19..10: Destination Ports Bit Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com