Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-14-
SD[24]
Hash Algorithm Selection:
HASH_ALG_SEL == 1 => CRC-map with scramble (default)
HASH_ALG_SEL == 0 => Direct-map without scramble
HASH_ALG_SEL == 1 will make the register HASH_ALG[1:0]=0 that is helpful to the
X-Stream test.
HASH_ALG_SEL == 0 will make the register HASH_ALG[1:0]=3 that can get a good
result of 4094 MAC addresses in Address Handling test.
SD[25]
No Swap EEPROM and LED output pins:
NO_SWAP_EEPROM_LED == 1 => The pins 192/193 are used as
EEIO/EEC. (default)
NO_SWAP_EEPROM_LED == 0 => The pins 192/193 are used as
LEDIO/LEDC.
In 128-pin package, we can bond this pin to VSS to select LED output from the original
EEPROM output pins.
SD[26]
Enable Aging:
EN_AGING == 1 => enable aging function (default)
EN_AGING == 0 => disable aging function
SD[27]
Disable Cut Through Enable:
DIS_CUT_THRU == 1 => disable cut-through feature
(default, i.e. store & forward)
DIS_CUT_THRU == 0 => enable cut-through feature
SD[28]
Disable Aggressive Backoff Algorithm:
DIS_AGGRES_BACKOFF == 1’ b1 => disabled (default)
DIS_AGGRES_BACKOFF == 1’ b0 => enabled
Note that if this feature is enabled, the backoff algorithm for all Ethernet ports is in MBA
mode. By default, the backoff algorithm bits MBA=0 and OFSET=1.
SD[29]
Backpreasure Collision Point Configuration:
COLL_POINT_CFG == 1 => 32th byte (default)
COLL_POINT_CFG == 0 => 2nd byte
SD[30]
Disable TEST mode:
DIS_TEST_MODE == 1 => disabled (default)
DIS_TEST_MODE == 1 => enabled
SD[31]
Disable Latchup Mode:
DIS_LATCH_UP_MODE == 1’ b1 => disable Latchup mode (default)
DIS_LATCH_UP_MODE == 1’ b0 => enable Latchup mode, all output only IO PADs
are in tri-state after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com