Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-28-
EE_DATA[7:0] = 8’b0000_0000
2. Download Command:
-
EE_DATA[7:6] = 2’b01 è eeprom download data for a specific address
-
EE_DATA[5:0] è sequentially download data length from the following address
-
The next 2 EE_DATA will be Register base and offset address
Note that there must be an 8-bit check sum following the EOF command to make the sum of
all commands and this check-sum byte is equal to zero bits 0000-0000.
EEPROM memory layout:
EEPROM Address
Data[7:0]
00H
00H+1
00H+2
00H +3 ~
00H+2+1st_Data_Length(n)
- 1st Command[1:0](2’b01) + 1st_Data_Length[5:0] (1 <= n <= 63)
- CS_Module[7:0]
- IO_Write Start Address
- IO_Write_DATA[7:0] *n
00H+3+1st_Data_Length(n)
- 2
nd Command
- Ending Command[7:0]=8’b0000_0000 è End_of_file
Check_Sum
Note that EEPROM device id and address must be 7’b1010_001.
2.7 TRUNKING
There are two trunk groups in VT6508, one is port (0,1), another is port (6,7). Each one
can be enabled individually. The trunking load balance algorithm is as follows:
Assume DMAC=12'h000000000002, source_port_id = 4'b0001.
DMAC_forwarding_entry_address = hash algorithm(DMAC) * 2 + resident slot#
-----------------------------
-----------------
(hask key)
(0 or 1)
Assume the above value is 12'b000000011010 after lookup for DMAC =
12'h000000000002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com