Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-37-
02-03H CPU command R/W data
The last data word read from PHY is stored in this
register for CPU read.
Note that the last data word written to PHY is
stored in an internal register that is also located in
this address for CPU write, but not readable.
PHYDATA
[15:0]
R/W
04H
CPU command register
PHYCMD[3]: enable phy auto-polling
PHYCMD[2]: disable phy auto-polling
PHYCMD[1]: phy read command.
PHYCMD[0]: phy write command.
When auto-polling mechanism is enabled, CPU
can not read/write PHY devices, even though the
PHY (auto-polling) Debug Mode is enabled.
PHYCMD
[3:0]
W/O
R/W
05H
PHY status register
Bit-0: 0=cmd_idle; 1=cmd_busy
Bit-1: 0=cmd_incomplete; 1=cmd_complete
Bit-2: 0=autopoll_off; 1=autopoll_on
Note that the “ cmd” means the command from
CPU interface, not from auto-polling control.
PHYSTS
[2:0]
0
R/O
06-07H Link status change
1’ b1=link status changed
1’ b0=link status without changed
(cleared after cpu read)
LINK_STATUS_CHA
NGE
[8:0]
0
R/O
08-09H Link status
1’ b0=link down (default)
1’ b1=link up
LINK_STATUS
[8:0]
0
R/O
R/W
0AH
PHY debug mode enable
PHY_DBG_EN: enable debug auto-polling state
Machine for validation
Value 1: enabled
Value 0: disabled
PHY_DBG_EN
[0]
0
R/W
0BH
Trigger Auto-Polling Single Step
Write value 1 to trigger a single step, then this bit
is self-cleared after command complete.
This operation may takes about 30 s.
TRIG_STEP_POLL
[0]
0
R/W
10-18H PHY Device Address
PHY_ADDR
[4:0]
0
R/W
0500H
EEPROM control
00H
EEPROM word address
For a 256-byte EEPROM device, an 8-bit data
object is identified with this register. For a 512-
byte EEPROM device, an 8-bit data object is
identified with this register plus EEDEVADDR[1],
vice versa.
EEWDADDR
[7:0]
R/W
01H
EEPROM data
The last data byte read from EEPROM is stored
in this register for CPU read.
Note that the last data byte written to EEPROM is
stored in an internal register that is also located in
this address for CPU write, but not readable.
EEDATA
[7:0]
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com