Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-47-
MDIO output
delay (source by
vt3061)
200
-
300
ns
to MDC rising
edge
-
EEPROM Interface Timing Characteristics
Parameter
min
typ
max
unit
condition
EEC clock
frequency
0
78.12
-
kHz
Clock high time -
6.4
-
µs
Clock low time
-
6.4
-
µs
Start Condition
setup time
6.4
-
-
µs
Start Condition
hold time
6.4
-
-
µs
Stop Condition
setup time
6.4
-
-
µs
Stop Condition
hold time
6.4
-
-
µs
Read Data In
setup time
0
-
-
to EEC rising
edge
Read Data In
hold time
0
-
-
to EEC falling
edge
EEIO Data out
delay
2.6
-
3.0
µs
to EEC falling
edge
Write Cycle time -
11.4
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com