Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-43-
16H-
17H
sent good packet count(Counter 4)
It is cleared automatically after CPU read.
XMT_GOOD_PKT
[15:0]
0
R/O
18H-
19H
sent bad packet counter(Counter 5)
It is cleared automatically after CPU read.
XMT_BAD_PKT
[15:0]
0
R/O
1AH-
1BH
sent abort packet counter(Counter 6)
(abort due to excessive transmission fails)
It is cleared automatically after CPU read.
XMT_ABORT_PKT
[15:0]
0
R/O
1C-
1DH
dequeued 1
st buffer Addr in Output Control
bit [10:0]: buffer address (ID*3 + 40h)
bit [11]: buffer address valid (default: invalid)
DEQUEUED_BUF_A
DDR1
[11:0]
0
R/O
1E-
1FH
dequeued 2
nd buffer Addr in Output Control
bit [10:0]: buffer address (ID*3 + 40h)
bit [11]: buffer address valid (default: invalid)
DEQUEUED_BUF_A
DDR2
[11:0]
0
R/O
20H
Internal state of Input Control
(reserved for Weipin’ s definition)
(only valid for port 0)
INPUT_CTL_STATE [7:0]
0
R/O
21H
Internal state of Output Control
(reserved for Weipin’ s definition)
(only valid for port 0)
OUTPUT_CTL_STA
TE
[7:0]
0
R/O
1100H MAC & I/O Control Module of Port 1
same as Port 0
1200H MAC & I/O Control Module of Port 2
same as Port 0
1300H MAC & I/O Control Module of Port 3
same as Port 0
1400H MAC & I/O Control Module of Port 4
same as Port 0
1500H MAC & I/O Control Module of Port 5
same as Port 0
1600H MAC & I/O Control Module of Port 6
same as Port 0
1700H MAC & I/O Control Module of Port 7
same as Port 0
1800H MAC & I/O Control Module of Port 8
same as Port 0
1900H CPU I/O Control Module
00H
CPU packet read byte count register bits [7:0]
CPU can check the incoming (ready to be
received by CPU via IDE) packet length via the
11-bit register PKT_BYTE_CNT [10:0] before
starting to read it.
PKT_BYTE_CNT
[7:0]
0
R/O
01H
CPU packet read byte count register bits
[10:8]
PKT_BYTE_CNT
[10:8]
0
R/O
02H
CPU packet read status register
2’ b00: idle or packet read (by CPU) in progress
2’ b01: packet read (by CPU) complete without
error
2’ b10: packet read (by CPU) with error
(CPU needs to read the same packet again)
RD_PKT_STATUS
[1:0]
0
R/O
03H
Packet source port ID
CPU can check the incoming packet’ s source
port ID via the 3-bit register PKT_SRC_PORT
before starting to read it. It is useful to the
spanning tree algorithm.
PKT_SRC_PORT
[3:0]
0
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com