Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-46-
AC CHARACTERISTICS
AC timing specifications provided are based on external zero-pf capacitance load. Min/Max
cases are based on the following table:
Parameter
Min
Max
Unit
3.3V power (Vcc)
3.135
3.465
V
Temperature
0
95
oC
- SRAM interface Timing Characteristics
SETUP
HOLD
MIN
MAX
UNIT
SA output delay
2
7
SD input
2.5
1.5
SD output delay
2
7
SADS
2
7
SCS0
2
7
SWE
2
7
-
RMII Interface Timing Characteristics
Parameter
min
type
max
unit
condition
RCLK50 cycle time
20
ns
RXD CRS_DV setup time
4
-
-
ns
to RCLK50 rising
edge
RXD CRS_DV hold time
2
-
-
ns
to RCLK50 rising
edge
TXD TX_EN output
delay
3
-
12
ns
to RCLK50 rising
edge
-
Management Interface (MI) Timing Characteristics
Parameter
min
typ
max
unit
condition
MDC cycle time -
400
-
ns
MDC high time
180
200
220
ns
MDC low time
180
200
220
ns
MDIO setup time
(source by PHY)
30
-
-
ns
to MDC rising
edge
MDIO hold time
(source by PHY)
0
-
-
ns
to MDC rising
edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com