Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-33-
06-07H aging index
06H: AGING_INDEX[7:0]
07H: AGING_INDEX[10:8]
for CPU to trigger aging on specific entry
AGING_INDEX
[10:0]
0
R/W
08H
aging status
0: idle or complete
1: in progress (no matter how the process is
triggered by auto-init or by CPU)
for CPU to detect status of aging process
AGING_STATUS
[0]
0
R/W
09H
hash algorithm
HASH_ALG[0] : 0, crc11, 1, direct map
HASH_ALG[1] : 0, scramble, 1, no scramble
The default setting 2b’ 00 is optimized specially
for Smartbit test, each combination may just be
as good as others.
HASH_ALG[1:0]=2b’ 11: direct map without
scramble, hash key = MAC[10:0]
HASH_ALG[1:0]=2b’ 01: direct map with
scramble,
hash key = MAC[7:0, 16:18]
HASH_ALG[1:0]=2b’ 10: CRC map & no
scramble, hash key = CRC11{MAC[47:0]}
HASH_ALG[1:0]=2b’ 00: CRC map with
scramble, hash key =
CRC11{MAC[47:24,15:0,16:23]}
The forwarding table entry format is as follows.
[58]
static
[57:56] age count
[49:40] forwarding portmask
[39:0]
tag
Regardless of the hash algorithm, the tag will
always use MAC[47:8]. The mapping is as
follows.
Tag[39:32]
ßà MAC[15:8]
Tag[31:24]
ßà MAC[23:16]
Tag[23:16]
ßà MAC[31:24]
Tag[15:8]
ßà MAC[39:32]
Tag[7:0]
ßà MAC[47:40]
HASH_ALG
[1:0]
0 if
strapping
SD[24]=1
,
3 if
strapping
SD[24]=0
R/W
0A-
0FH
destination MAC object
0AH: DMAC[47:40],
0BH: DMAC[39:32],
…
,
0FH: DMAC[7:0].
A write to this register will make the
corresponding CRC-map lower 11-bit hash key
and upper 37-bit tag shown in HASH_CONTENT.
DMAC_OBJ
[47:0]
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com