Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-44-
04H
CPU IO port configuration register
bit 0 : input port enable
à 1: input enable, 0: input
disable
bit 1 : output port enable
à 1: output enable, 0:
output disable
bit 2 : output port dequeue hold
à 1: dequeue
disabled, 0: dequeue enabled
Note that the broadcast domain is determined by
the CPUIO_CFG[1] and 9 bits of all Ethernet
ports’ IO_CFG[1]. If CPUIO_CFG[1]==0, the
CPU port must be not within the broadcast
domain.
CPUIO_CFG
[2:0]
0
R/W
05-06H
Granted (at most one) free buffer Addr in
Input Control
Bit [10:0]: buffer address (ID*3 + 40h)
Bit [11]: buffer address valid
FREE_BUF_ADDR
[11:0]
0
R/O
07-08H
dequeued buffer Addr in Output Control
bit [10:0]: buffer address (ID*3 + 40h)
bit [11]: buffer address valid (default: invalid)
DEQUEUED_BUF_A
DDR
[11:0]
0
R/O
10H
CPU packet write status register
bits [1:0] : packet write status
2’ b00: idle or packet write in progress
2’ b01: CPU sent packet successfully
2’ b10: CPU sent packet unsuccessfully
(CPU needs to re-write the
packet again)
Note that CPU packets have highest priority and
will not be dropped by Forwarding Control.
bit 2: CPU Input Control is ready for CPU to write
packets (It can be ready only after setting
CPUIO_CFG[0] = 1.)
0: not ready (default)
1: ready
Note that if CPU IO is in XOFF window, it will be
not ready with WR_PKT_STATUS[2]==1. CPU
IO always uses flow control mechanism with
displaying XON/XOFF status in
XOFF_WINDOW[9] of Forwarding Control.
WR_PKT_STATUS
[2:0]
0
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com