Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-22-
Enabled only when the flow control feature is enabled and the full-duplex port’s party has
flow control capability.
Note that as both the flow control feature and the drop control feature are enabled, the
drop control feature is not turned on if the full-duplex port’s party has flow control
capability.
(2) backpressure for half-duplex ports
Enabled only when the flow control feature is enabled and the port is in half-duplex mode.
Note that as both the flow control feature and the drop control feature are enabled, the
drop control feature is not turned on if the port is in half-duplex mode.
(3) drop control for private buffer reservation
Enabled when the flow control feature and the drop control feature are enabled, but the
full-duplex port’s party has not flow control capability.
Also enabled when the flow control feature is disabled and the drop control feature is
enabled.
XON/XOFF Window and Drop Window
The flow control and backpressure are based on XON/XOFF window. Within XON
window, the source port is in non-congestion status so that any incoming packets are
forwarded normally. If an incoming packet violates the constraint of congestion control, the
source port will leave the XON window and enter the XOFF window after this enqueue
operation is served. Within XOFF window, the source port is in congestion status so that any
incoming packet will trigger a congestion-control operation that depends on the used policy.
The drop control mechanism, residing in Forwarding Control and enabled by DROP_EN = 1,
is based on every ports’ congestion windows that are defined as (1) any one is in XOFF
window, (2) a destination port is in congestion status if its reservation buffer count == 0.
The XON/XOFF windows and the DROP ON/OFF windows are maintained by TMAC,
according to port status and input signals from Queue Control. Figure 6 shows an example
XOFF window status (named as XOFF_WINDOW[0]) of port 0, where XOFF[0] and
XON[0] is an event generated by queue control to notify this source port should enter XOFF
state, and XON[0] are events generated by queue control to notify this source port should
enter or leave XOFF state, respectively. If the source port is within XOFF window as an
XOFF event arrives, an flow control frame with pause time = 0xffff will be sent out. If the
source port is within XON window, the arriving XON event will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com