Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-35-
1E-1FH Destination Ports Bit Mask for Port 8 (CPU port)
0: no affection on port 8’ s incoming packets
that will be forwarded with lookup
not 0: port 8’ s next incoming packets will be
forwarded by CPU_PM, rather than lookup.
CPU_PM will be set as ‘ 0’ after processing
exact ONE port 8’ s incoming packet.
Note that this function can facilitate the
implement of some special system features, e.g.
production testing utility, boot diagnosis utility.
CPU_PM
[8:0]
0
R/W
20H
Reserved Special Internal Control
bit 0 – enable early cpu port broadcast filtering
bit 3:1 – unused
bit 4 – DROP_CONGESTION_WHEN_STARV
bit 6:5 – SWITCH_MAC_MATCH_MODE
bit 7 – LOOPUP_OPTION
Note that only the bit 0 is used for normal
operation setting. Except the bit 0 is used for the
normal operation setting, the other bits are used
only in Verilog simulation.
SPECIAL_CTL
[7:0]
0
R/W
21H
CPU port related forwarding configuration
bit 0 – enable forwarding broadcast packets with
DMAC=0xffffffffffff to CPU
(default = 0 : disable)
bit 1 – enable forwarding spanning-tree packets
to CPU
(default = 0 : disable)
bit 2 – enable forwarding unicast packets with
DMAC = switch MAC base to CPU
(default = 0 : disable)
bit 3 – enable forwarding multicast packets with
DMAC = 01-80-C2-00-00-02~0F to CPU
(default = 0 : disable forwarding to CPU
port, i.e. drop these packets)
Note that the USER_PM in VT3061 is changed as
10-bit signal from 10 output port enabling bits.
The three register bits are used to enable/disable
forwarding the above three types of frames to the
CPU port.
If CPU_FWD_CFG[1]=1, i.e. forwarding
spanning-tree packets to CPU is disabled, these
SPT packets will be broadcasted, just like the
case for Ethernet Hub.
CPU_FWD_CFG
[2 3:0]
0
R/W
22-23H
Drop On
Value 1: the corresponding port’ s drop feature is
enabled. Any incoming packets destining to any
one port in congestion will be dropped by
Forwarding Control by setting port mask = 0.
Value 0: the port’ s drop feature is disabled.
This signal is from TMAC.
DROP_ON
[8:0]
0
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com