Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-20-
step2. Check the chip internal register, phyint_setup_reg, to setup the pause capability
(Reg4.10) and phy auto-negotiation enable (Reg0.12)
- if (this port do not need phy setup) and (phyint_setup_reg == done),
then go to step 10(done)
- else if (this port do not need phy setup) and (phyint_setup_reg != done),
then config ioctl, set phyint_setup_reg == done, go to step10(done)
- else if (phyint_setup_reg != done),
then go to step3(phy fc setup)
- else if (this port do not need auto-poll,
then go to step 10(done)
- else go to step 5(read phy link status)
step3. Phy flow_control ability setup
- if the phy_pause_ability(reg4.10) != port_phy_fc_set,
then write reg4.10 = port_phy_fc_set and go to step4 (phy auto-negotiation ability
setup)
- else go to step4 (phy auto-negotiation ability setup)
step4. PHY auto-negotiation ability setup
- if (Reg0.12)=”1”(on), then modify chip internal register for phyint_setup_reg = done;
go to step5
- else if (Reg0.12)=”0”(off) or phy_pause_ability have been modified ( in step3 ), then
write PHY auto-negotiation_enable bit (Reg0.12) =”1” (on), restart_auto-negotiation
bit (Reg0.9) = “1” and modify chip internal register for phyint_setup_reg = done; go to
step5
step5. Read PHY link_status bit (Reg1.2) 1
st time
- if link is down (Reg1.2)=”0”, then go to step6
- else if link is up (Reg1.2)=”1” and chip_internal_reg for link status is “down”, then go to
step7
- else if link is up (Reg1.2)=”1” and chip_internal_reg for link status is “up”, then go to
step10.
step6. Read PHY link_status bit (Reg1.2) 2
st time
- if link is up (Reg1.2)=”1”, then go to step7
- else if link is down (Reg1.2)=”0”, then go to step10
*if chip_internal_reg for link status is “down”=> generate link_change
interrupt and disable io_port
step7. Read PHY Auto-negotiation Complete bit (Reg1.5)
- if auto-negotiation is completed (Reg1.5)=”1”, then go to step8.
- else if auto-negotiation is not completed (Reg1.5)=”0”, then go to step10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com