Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
6
FEATURES
l
Single chip 8 ports 10/100Mbps Ethernet switch controller
-
Highly integrated single chip shared memory switch engine
-
Supports 8 RMII (Reduced Media Independent Interface) ports
-
Non-blocking layer 2 switch, 148,810 packets/sec on each 100Mbps Ethernet port
l
Media Access Control (MAC)
-
Dual 64-byte FIFO’s per port for receiving and transmitting
l
Auto-sensing 10/100Mbps media speed, full/half -duplex mode, and flow-control
capability
l
Two switching mechanisms
-
Supports ‘store and forward’ switching with filtering CRC-bad packets
-
Supports ‘cut through’ switching subject to long packets of length over 64 bytes
l
Packet buffering
-
Glueless 32-bit interface to SSRAM as a packet buffer pool
-
64 packet buffers for 32Kx32 SSRAM, 149 packet buffers for 64Kx32 SSRAM
-
1536 bytes for each packet buffer
l
Storing control data (forwarding table and packet link entries) in external SSRAM
-
Buffer status is stored in the internal free-buffer bit map registers
-
Shared forwarding table of 2K entries (or 4K slots) to support multiple (up to 4K)
Mac addresses per port
l
Efficient address recognition, self learning, and auto-aging mechanism
-
Two-slot hashing algorithm to prevent hash collision
-
Two optional hashing algorithms, CRC-map and direct-map
l
Advanced congestion control mechanism
-
IEEE 802.3X compliant flow control for full duplex ports
-
Backpressure for half duplex ports
-
Drop control for full duplex ports without flow control capability
-
Incorporating with the output private buffering scheme to prevent HOL (head of line)
blocking
l
Supports port mirroring (Sniffer feature)
l
By-pass VLAN packets
l
Support port-based trunking
-
Support two individual trunk groups, each of 2 member ports
-
Load balance according to DMAC address and source port number
l
Support chip initialization through EEPROM or by strapping only
-
Supports I
2C EEPROM interface for customized configuration
-
Supports LED serial-out in the strapping-only initialization mode
l
50MHz internal reference clock rate
l
83~100MHz SSRAM clock rate, typically 83MHz
l
Single +3.3V supply, 0.3
µm TSMC CMOS technology
l
128-pin PQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com