Electronic Components Datasheet Search
  English  ▼

X  

VT6508 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-12-
See Fig. 2 GND
G
Ground supply to the core digital logic.
See Fig. 2 VSS
G
Ground supply to all I/O pads.
DEFINITION OF VT6508B STRAPPING PINS
SD[31:0]:
*Note that the default strapping bit value is “1”.
Pin
Description
SD[0]
Broadcast or Drop BPDU Packets:
BCAST_BPDU == 1’ b1 => broadcast BPDU packet if CPU_FWD_CFG[1] == 0
(default)
BCAST_BPDU == 1’ b0 => drop BPDU packet if CPU_FWD_CFG[1] == 0
Note that BPDU packets will be forwarded to CPU port if CPU_FWD_CFG[1] == 1
without regard to the value of BCAST_BPDU.
SD[1]
LED Display Combination of Link Activity Status with RX/TX Event:
LED_COMB [0] == 1’ b1 => combined (default)
LED_COMB [0] == 1’ b0 => not combined
Note that the LED bit sequence [10:1] is used originally to display link activity status. By
setting combination with RX/TX event, it will indicate both the link activity status and
RX/TX events so that required LED number can be reduced.
SD[2]
Enable Drop Control for Private Buffer Reservation:
DROP_CONTROL_EN [0] == 1’ b1 => enabled (default)
DROP_CONTROL_EN [1] == 1’ b0 => disabled
Note that drop control has a lower priority than flow control and backpressure.
If it is disabled, all TMACs will not make the drop window signals to Forwarding Control.
If it is enabled and the flow control/backpressure mechanism is not enabled, all TMACs
will make the drop window signals to Forwarding Control.
If it is enabled and the flow control mechanism is also enabled, but the full-duplex party
has no flow control capability, TMAC will make the drop window signal to Forwarding
Control.
SD[3]
SRAM TYPE:
SRAM_TYPE == 1’ b1 => 64Kx32 (default)
SRAM_TYPE == 1’ b0 => 32Kx32
size=128KB: FREEMCNT=64, XON_THRED=43, PRIVATE_BUF_SIZE=1
V_FREE=10, MIN_XOFF_CONST_THRED=15
size=256KB: FREEMCNT=149, XON_THRED=98, PRIVATE_BUF_SIZE=4
V_FREE=10, MIN_XOFF_CONST_THRED=28
SD[5:4]
CHIP INIT MODE [1:0]:
CHIP_INIT[1:0] == 2’ b11 => Chip Initialization via strapping only (default)
CHIP_INIT[1:0] == 2’ b10 => Chip Initialization via EEPROM
CHIP_INIT[1:0] == 2’ b01 => Chip Initialization via CPU
CHIP_INIT[1:0] == 2’ b00 => Chip Initialization via EEPROM in speedup mode
In none speedup mode, EEC = 78.125K Hz, LED period = 50ms.
In speedup mode for testing, EEC = 2.778MHz, LED period = 1ms without one-second
flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com