Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 37Page - Cirrus Logic CS43198 Datasheet HTML 38Page - Cirrus Logic CS43198 Datasheet HTML 39Page - Cirrus Logic CS43198 Datasheet HTML 40Page - Cirrus Logic CS43198 Datasheet HTML 41Page - Cirrus Logic CS43198 Datasheet HTML 42Page - Cirrus Logic CS43198 Datasheet HTML 43Page - Cirrus Logic CS43198 Datasheet HTML 44Page - Cirrus Logic CS43198 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 137 page
background image
DS1156F1
41
CS43198
4.8 Audio Serial Port (ASP)
Fig. 4-17 and Fig. 4-18 show the serial port clocking architecture.
Figure 4-17. xSP SCLK and MCLK Architecture
As shown in Fig. 4-17, the master-mode SCLK output for each serial port is derived from the internal MCLK. The SCLK
output can be configured to various frequencies to accommodate many sample rates, sample sizes, and channel counts.
The SCLK is output of a fractional divide from the internal MCLK input, where N is the numerator and M is the denominator.
Note: Depending on the chosen fractional divide configuration, the SCLK duty cycle can vary by one MCLK period.
Input and output SCLK polarity controls (xSP_SCPOL_IN and xSP_SCPOL_OUT) are also available. As shown in
Fig. 4-17, if Master Mode is used, both polarity controls affect the SCLK used by the serial port module. For example, both
polarity controls must be set (xSP_SCPOL_IN = xSP_SCPOL_OUT = 1) to invert the SCLK output and output data on the
falling edge. In typical use cases, the values of xSP_SCPOL_IN equals xSP_SCPOL_OUT in each serial port. See
Fig. 4-20 for example waveforms showing the various settings of the SCLK polarity controls.
Likewise, input and output LRCK polarity controls (xSP_LCPOL_IN and xSP_LCPOL_OUT) are available. In Master
Mode, both LRCK polarity controls affect the LRCK used by the serial-port module as shown in Fig. 4-18. In typical-use
cases, the value of xSP_LCPOL_IN equals xSP_LCPOL_OUT in each serial port.
Figure 4-18. xSP LRCK Architecture
As shown in Fig. 4-19, xSP_LCPR determines the LRCK/FSYNC period, in units of SCLK periods. The LRCK period
effectively sets the length of the frame and the number of SCLK periods per Fs. Frame length may be programmed in
single SCLK period multiples from a minimum of 16 SCLK:Fs up to 1536 SCLK:Fs.
N
M
Internal MCLK
IN
N[13:0]
M[13:0]
SCLK
0
1
0
1
To LRCK
SCLK to
Serial Port
ASP_SCPOL_IN p. 103/
XSP_SCPOL_IN p. 105
ASP_M/SB p. 103/
XSP_M/SB p. 105
ASP_SCPOL_OUT p. 103/
XSP_SCPOL_OUT p. 105
ASP_M_LSB p. 101/XSP_M_LSB p. 104
ASP_M_MSB p. 102/XSP_M_MSB p. 104
ASP_N_LSB p. 101/XSP_N_LSB p. 103
ASP_N_MSB p. 101/XSP_N_MSB p. 104
LRCK to
Serial Port
ASP_LRCK/FSYNC
0
1
0
1
IN
PER
OUT
HI
LR GEN
EN
From SCLK
x_M/S = 1 (master) &
PDN_x = 0 (enabled )
5050
DELAY
ASP_5050 p. 103/XSP_5050 p. 105
ASP_FSD p. 103/XSP_FSD p. 106
ASP_LCPOL_IN p. 103/
XSP_LCPOL_IN p. 105
ASP_M/SB p. 103/
XSP_M/SB p. 105
ASP_LCPOL_OUT p. 103/
XSP_LCPOL_OUT p. 105
ASP_LCHI_LSB p. 102/XSP_LCHI_LSB p. 104
ASP_LCHI_MSB p. 102/XSP_LCHI_MSB p. 104
ASP_LCPR_LSB p. 102/XSP_LCPR_LSB p. 105
ASP_LCPR_MSB p. 102/XSP_LCPR_MSB p. 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com