Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 23Page - Cirrus Logic CS43198 Datasheet HTML 24Page - Cirrus Logic CS43198 Datasheet HTML 25Page - Cirrus Logic CS43198 Datasheet HTML 26Page - Cirrus Logic CS43198 Datasheet HTML 27Page - Cirrus Logic CS43198 Datasheet HTML 28Page - Cirrus Logic CS43198 Datasheet HTML 29Page - Cirrus Logic CS43198 Datasheet HTML 30Page - Cirrus Logic CS43198 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 137 page
background image
DS1156F1
27
CS43198
4.2 Analog Outputs
4.2 Analog Outputs
The CS43198 provides an analog output that is derived from the digital audio input ports. This section describes the
general flow of the analog outputs.
4.2.1
Analog Output Signal Flow
The CS43198 signal flow is shown in Fig. 4-1.
Figure 4-1. Analog Output Signal Flow
The CS43198 has 4 settings of full scale voltage, which are determined by OUT_FS[1:0]. When OUT_FS[1:0] = 11 and
HV_EN = 1, the +1dB_EN bit can boost the output voltage to 2 Vrms. In any other setting combination of OUT_FS[1:0] and
HV_EN, the +1dB_EN bit is ignored. The proper full scale voltage must be set first, and the digital volume settings is used
to control signal levels.
The CS43198 digital volume control allows independent control of the signal level in 1/2 dB increments from 0 dB
(0b0000 0000) to –127 dB (0b1111 1110) by using x_VOLUME_y (where "x" is either PCM or DSD; "y" is either A or B)
register. When the x_VOL_BEQA bit is set, both volumes can be changed simultaneously using x_VOLUME_A). The
volume changes are implemented as dictated by PCM_SZC[1:0] and DSD_SZC in the signal control register (see
Section 7.4.3 and Section 7.5.5). If soft ramping is enabled, gain and attenuation changes are carried out by incrementally
changing the volume level in 1/8-dB steps, from the previous level to the new level. For PCM, when PCM_SZC[1:0] = 2,
the volume level changes at an approximate rate of 1 dB/ms. The volume level also changes at a rate of 1 dB/ms for DSD.
Both channels can be inverted independently by setting the INV_A and INV_B bits. Both channels can be swapped by
setting the x_SWAP_CHAN bit. Channel A content can be copied to channel B by setting the x_COPY_CHAN bit. Mono
mode can be enabled with proper setting of these bits.
The CS43198 provides individual ramp-up and ramp-down control options (from the global soft ramp settings) for two
specific scenarios. The PCM_RAMP_DOWN bit is for the scenario when the interpolation filter configuration switches (as
configured by the PCM Filter Option register) during PCM playback. DSD_RAMP_UP bit is for the scenario when DSD
playback recovers from detected DSD stream errors. Refer to each individual register description for setting details.
The CS43198 can mute both channels simultaneously or independently. Also, it can auto-mute on both PCM stream and
DSD stream when mute pattern is identified (defined in PCM_AMUTE and DSD_AMUTE). Additional signal and mute
control options can be found in Section 7.4.3 and Section 7.5.5.
Multibit

Modulator
Multibit

Modulator
Interpolation
Filter &
Volume
Control
Interpolation
Filter &
Volume
Control
AOUTA
AOUTB
DSD
Processor
DoP to
DSD
Engine
Audio
Source
I2S
REFB
REFA
DoP
DSD
DAC and
Filter
DAC and
Filter
DAC_OVFL_INT p. 115
DSD_PRC_SRC p. 109
DIR_DSD p. 109
DSD_DIRECT_MC p. 110
DSD_DIRECT_GAIN p. 110
PCM_SZC p. 112
DSD_RAMP_UP p. 108
PCM_RAMP_DOWN p. 112
PCM_VOLUME_B p. 112
PCM_VOLUME_A p. 112
PCM_INV_A p. 113
PCM_INV_B p. 113
PCM_SWAP_CHAN p. 113
PCM_COPY_CHAN p. 113
PCM_VOL_BEQA p. 112
PCM_AMUTE p. 112
PCM_AMUTEBEQA p. 112
PCM_MUTE_A p. 112
PCM_MUTE_B p. 112
FILTER_SLOW_FASTB
p. 111
PHCOMP_LOWLATB p. 111
HIGH_PASS p. 111
DEEMP_ON p. 111
MIX_PCM_PREP p. 109
MIX_PCM_DSD p. 109
+1dB_EN p. 111
OUT_FS p. 111
PCM_WBF_EN p. 111
DSD_EN p. 109
DSD_SPEED p. 109
STA_DSD_DET p. 109
INV_DSD_DET p. 109
DSD_VOLUME_B p. 107
DSD_VOLUME_A p. 108
DSD_INV_A p. 110
DSD_INV_B p. 110
DSD_VOL_BEQA p. 108
DSD_AMUTE p. 108
DSD_MUTE_A p. 108
DSD_MUTE_B p. 108
DSD_ZERODB p. 110
DSD_HPF_EN p. 110
OUT_FS p. 111
DSD_SZC p. 108
DSD_RAMP_UP p. 108
DSD_SWAP_CHAN p. 110
DSD_COPY_CHAN p. 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com