Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 65Page - Cirrus Logic CS43198 Datasheet HTML 66Page - Cirrus Logic CS43198 Datasheet HTML 67Page - Cirrus Logic CS43198 Datasheet HTML 68Page - Cirrus Logic CS43198 Datasheet HTML 69Page - Cirrus Logic CS43198 Datasheet HTML 70Page - Cirrus Logic CS43198 Datasheet HTML 71Page - Cirrus Logic CS43198 Datasheet HTML 72Page - Cirrus Logic CS43198 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 137 page
background image
DS1156F1
69
CS43198
5.12 Example Sequences
23 Configure DSD path Signal
Control 2
DSD Processor Path Signal Control 2.
0x70004
0x13
Reserved
DSD_PRC_SRC
DSD_EN
Reserved
DSD_SPEED
STA_DSD_DET
INV_DSD_DET
0
00
1
0
0
1
1
Set source of DSD processor to DSDIF
Enable DSD playback
Set DSD clock speed to 64•FS
Static DSD detection enabled
Invalid DSD detection enabled
24 Configure DAC output
25 Configure Class H Amplifier
Class H Control. 0xB0000
0x1E
Reserved
ADPT_PWR
HV_EN
EXT_VCPFILT
000
111
1
0
Output signal determines voltage level
High Voltage Mode Enabled
Using Internal VCPFILT source.
26 Set DAC output to full scale
Analog Output Control 1. 0x80000
0x30
Reserved
Reserved
OUT_FS
Reserved
Reserved
Reserved
+1dB_EN
0
0
11
0
0
0
0
Set DAC output to Full Scale (1.732 V rms)
27 Configure Headphone Detect
HP Detect. 0xD0000
0x04
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
00
0
00
10
0
HP detect disabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
28 Headphone Detect
HP Detect. 0xD0000
0xC4
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
11
0
00
10
0
HP detect enabled
HP detect input is not inverted
Tip sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
29 Enable Interrupts
30 Read Interrupt Status 1 register (0xF0000) and Interrupt Status 5 register (0xF0004) to clear sticky bits
31 Enable Headphone Detect
Interrupts
Interrupt Mask 1. 0xF0010
0x81
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
0
0
0
0
0
0
1
Unmask HPDETECT_PLUG interrupt and
HPDETECT_UNPLUG interrupt
32 Enable DSD Interrupts
Interrupt Mask 5. 0xF0014
0x03
DSD_STUCK_INT_MASK
DSD_INVAL_A_INT_MASK
DSD_INVAL_B_INT_MASK
DSD_SILENCE_A_INT_MASK
DSD_SILENCE_B_INT_MASK
DSD_RATE_ERROR_INT_MASK
DOP_MRK_DET_INT_MASK
DOP_ON_INT_MASK
0
0
0
0
0
0
1
1
Enable DSD_STUCK interrupt
Enable DSD_INVAL_A interrupt
Enable DSD_INVAL_B interrupt
Enable DSD_SILENCE_A interrupt
Enable DSD_SILENCE_B interrupt
Enable DSD_RATE_ERROR interrupt
Disable DOP_MRK_DET interrupt
Disable DOP_ON interrupt
33 Wait for interrupt. Check if PLL_READY_INT = 1 in Interrupt Status 1 register(0xF0000)
34 Switch MCLK source to PLL
System Clocking Control 1. 0x10006
0x01
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
0
01
MCLK Source set to PLL. MCLK_INT frequency set to
24.576 MHz
35 Wait at least 150 µs.
36 Power up DAC
Refer to Ex. 5-4 for DSD power-up sequence. Note that in Step 1 of Ex. 5-4, use HH = DF for the DSD interface.
Example 5-6. Startup to DSD Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com