Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 24Page - Cirrus Logic CS43198 Datasheet HTML 25Page - Cirrus Logic CS43198 Datasheet HTML 26Page - Cirrus Logic CS43198 Datasheet HTML 27Page - Cirrus Logic CS43198 Datasheet HTML 28Page - Cirrus Logic CS43198 Datasheet HTML 29Page - Cirrus Logic CS43198 Datasheet HTML 30Page - Cirrus Logic CS43198 Datasheet HTML 31Page - Cirrus Logic CS43198 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 137 page
background image
28
DS1156F1
CS43198
4.3 Class H Output
The CS43198 has an independent set of controls for the DSD processor path as shown in Fig. 4-1. The DSD processor
also offers the control bit SIGCTL_DSDEQPCM, which maps the PCM_x setting to DSD_x setting, once enabled. As a
result, some of the DSD_x register settings are ignored. The registers affected are DSD_RAMP_UP, DSD_VOL_BEQA,
DSD_SZC, DSD_AMUTE, DSD_AMUTE_BEQA, DSD_MUTE_A, DSD_MUTE_B, DSD_INV_A, DSD_INV_B, DSD_
SWAP_CHAN, and DSD_COPY_CHAN. Refer to Section 7.4.1–Section 7.4.7 for control register details.
The CS43198 supports Direct DSD Mode up to a speed of 128•Fs. When enabled, DSD input data is sent directly to the
digital-to-analog conversion interface for a pure DSD conversion. In this mode, the full-scale DSD and PCM levels are not
matched, the dynamic range performance may be reduced, DC offset may be present in the output, the volume control is
inactive, and the 50-kHz lowpass filter is not available. The user has selection of different internal filter configurations.
Refer to Section 7.4.8 for details on the filter configuration control register.
4.2.2
Wideband Flatness Mode
The CS43198 specifically optimizes for wideband flatness playback, which is enabled by PCM_WBF_EN bit. This mode
should only be enabled when PCM plays back at 192 kHz. When operating in other speeds or modes, this bit should be
properly disabled. If wideband flatness mode enabled, the filter spec complies to Table 3-8. There is no option for filter
roll-off or phase response in this mode. NOS filter mode should be disabled for proper operation. Note that wideband
flatness mode can only be enabled or disabled when PDN_HP is set.
4.2.3
Mono Mode
The CS43198 supports mono (differential) mode playback. Mono mode allows driving a differential interconnect such as
a XLR connector or implementing a stereo differential headphone utilizing two CS43198 devices. Fig. 2-2 shows a typical
connection of the CS43198 to a XLR connector in mono mode.
4.3 Class H Output
Fig. 4-2 shows the Class H operation.
Figure 4-2. Class H Operation
The CS43198 outputs use Cirrus Logic two-mode Class H technology. This prevents unnecessarily wasting energy during
low power passages of program material or when the program material is played back at a low volume level.
The internal charge pump is the central component of the two-mode Class H technology implemented in the CS43198.
The charge pump receives its input voltage from the voltage present on the VCP or VP pin. From this input voltage, the
charge pump creates the differential rail voltages supplied to the output stages. The charge pump can supply two sets of
differential rail voltages: ±VCP and ±VP_LDO.
VCP
Class H Control
VCP_FILT–
–VCP
–VP_LDO V
VCP_FILT+
+VCP
+VP_LDO V
VP
ADPT_PWR p. 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com