Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 14Page - Cirrus Logic CS43198 Datasheet HTML 15Page - Cirrus Logic CS43198 Datasheet HTML 16Page - Cirrus Logic CS43198 Datasheet HTML 17Page - Cirrus Logic CS43198 Datasheet HTML 18Page - Cirrus Logic CS43198 Datasheet HTML 19Page - Cirrus Logic CS43198 Datasheet HTML 20Page - Cirrus Logic CS43198 Datasheet HTML 21Page - Cirrus Logic CS43198 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 137 page
background image
18
DS1156F1
CS43198
3 Characteristics and Specifications
Octuple-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
0
0
—
—
0.0299
0.263
Fs
Fs
Passband droop 10 Hz to 20 kHz
—
—
0.04
dB
Group delay
—
17/Fs
—
s
1. Filter response is by design.
2. Response is clock-dependent and scales with Fs.
3. 8.5 dB for 32-kHz sample rate.
4. 0.454 Fs for 32-kHz sample rate.
5. Filter ripple specification is invalid with deemphasis enabled.
6. For Single-Speed Mode, the measurement bandwidth is from stopband to 3 Fs.
For Double-Speed Mode, the measurement bandwidth is from stopband to 3 Fs.
For Quad-Speed Mode, the measurement bandwidth is from stopband to 1.34 Fs.
7. 39/Fs for 32-kHz sample rate.
8. 5.9/Fs for 32-kHz sample rate.
9. Deemphasis is available only in 44.1 kHz.
10. 6.5 dB for 32-kHz sample rate.
11. 34/Fs for 32-kHz sample rate.
12. 5.2/Fs for 32-kHz sample rate.
13. 3.9 dB for 32-kHz sample rate (passband droop 10 Hz to 15 kHz).
Table 3-8. Combined DAC Digital, On-Chip Analog and AOUTx Filter Characteristics (Wideband Flatness Mode)
Test conditions (unless specified otherwise): The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired
sample rate by multiplying the given characteristic by Fs. Wideband Flatness Mode refers to Fs = 192 kHz sample rates. PCM_WBF_EN = 1. MCLK_
INT is an integer multiple of Fs; HPF disabled; no DC offset applied; group delay does not include serial port delay.
Parameter
Minimum Typical Maximum Units
Wideband Flatness Mode 1
1. Filter response is by design and may require calibration.
Passband 2
2. Response is clock-dependent and scales with Fs.
to –0.003-dB corner
to –3-dB corner
attenuation @ Fs/2
0
0
3
—
—
—
0.417
0.46
—
Fs
Fs
dB
Passband ripple 10 Hz to –0.003-dB corner
–0.003
—
0.003
dB
Stopband
0.583
—
—
Fs
Stopband attenuation 3
3. The measurement bandwidth is from stopband to 1.34 Fs.
80
—
—
dB
Group delay
—
20.7/Fs
—
s
Table 3-9. DAC High-Pass Filter (HPF) Characteristics
Test conditions (unless specified otherwise): Gains are all set to 0 dB; TA = +25°C.
Parameter 1
1.Response scales with Fs in PCM Mode. Specifications are normalized to Fs and are denormalized by multiplying by Fs. For DSD Mode, Fs is 44.1 kHz.
Minimum
Typical
Maximum
Units
Passband 2
2.For PCM Single-Speed Mode, N = 1.
For PCM Double-Speed Mode, N = 2.
For PCM Quad-Speed Mode, N = 4.
For PCM Octuple-Speed Mode, N = 8.
For DSD 64 x Fs Mode, N = 1.
For DSD 128 x Fs Mode, N = 1.
–0.05-dB corner
–3.0-dB corner
—
—
0.195 x 10-3/N
19.5 x 10-6/N
—
—
Fs
Fs
Passband ripple (0.417x10-3/N Fs to 0.417/N Fs; normalized to 0.417/N Fs) 2
—
—
0.01
dB
Phase deviation @ 0.453x10-3/N Fs 2
—2.45
—
°
Filter settling time 3
3.Required time for the magnitude of the DC component present at the output of the HPF to reach 5% of the applied DC signal.
—
24500
× N / Fs 2
—s
Table 3-7. Combined DAC Digital, On-Chip Analog and AOUTx Filter Characteristics (Cont.)
Test conditions (unless specified otherwise): The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired
sample rate by multiplying the given characteristic by Fs. Single-Speed Mode refers to 32-, 44.1-, and 48-kHz sample rates. Double-Speed Mode refers
to 88.2- and 96-kHz sample rates. Quad-Speed Mode refers to 176.4- and 192-kHz sample rates. Octuple-Speed Mode refers to 352.8- and 384-kHz
sample rates. MCLK_INT is an integer multiple of Fs; HPF disabled; no DC offset applied; group delay does not include serial port delay.
Parameter
Minimum Typical Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com