Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 10Page - Cirrus Logic CS43198 Datasheet HTML 11Page - Cirrus Logic CS43198 Datasheet HTML 12Page - Cirrus Logic CS43198 Datasheet HTML 13Page - Cirrus Logic CS43198 Datasheet HTML 14Page - Cirrus Logic CS43198 Datasheet HTML 15Page - Cirrus Logic CS43198 Datasheet HTML 16Page - Cirrus Logic CS43198 Datasheet HTML 17Page - Cirrus Logic CS43198 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 137 page
background image
14
DS1156F1
CS43198
3 Characteristics and Specifications
AOUTx
RL = 600 
CL = 200 pF
OUT_FS = 11
Volume = 0 dB
+1dB_EN = 0,
unless otherwise
specified
Dynamic range
(defined in Table 3-1)
24-bit, 32-bit, DSD
16-bit
A-weighted
Unweighted
A-weighted
Unweighted
124
121
91
88
130
127
97
94
—
—
—
—
dB
dB
dB
dB
THD+N
(defined in Table 3-1)
24-bit, 32-bit
16-bit
DSD
0 dB
–20 dB
–60 dB
0 dB
–20 dB
–60 dB
0 dB
–20 dB
–60 dB
—
—
—
—
—
—
—
—
—
–115
–97
–67
–94
–74
–34
–108
–97
–67
–109
—
–61
–88
—
–28
–101
—
–61
dB
dB
dB
dB
dB
dB
dB
dB
dB
Idle channel noise
(A-weighted)
(defined in Table 3-1)
24-bit, 32-bit, DSD
—
0.55
—
µV
Full-scale output voltage
4.66
4.90
5.14
Vpp
Output power
—
5
—
mW
Interchannel isolation (defined in Table 3-1)
217 Hz
1 kHz
20 kHz
—
—
—
120
120
100
—
—
—
dB
dB
dB
AOUTx
RL = 600 
CL = 200 pF
OUT_FS = 11
Volume = 0 dB
+1dB_EN = 1,
unless otherwise
specified
THD+N
(defined in Table 3-1)
24-bit, 32-bit, DSD
0 dB
—
–105
—
dB
Full-scale output voltage
5.42
5.70
5.99
Vpp
Output power
—
6.8
—
mW
Other characteristics
for AOUTx
Interchannel gain mismatch (defined in Table 3-1)—
±0.1
—
dB
Interchannel phase mismatch (defined in Table 3-1)
—
—
±0.01
°
Output offset voltage: Mute (defined in Table 3-1)
—
±50
±100
µV
Gain drift (defined in Table 3-1)
—
±100
—
ppm/°C
Load resistance (RL)600
—
—
Load capacitance (CL)—
—
1
nF
Turn-on time (defined in Table 3-1)—
—
12
ms
Click/pop during PDN_HP enable or disable
A-weighted
—
±50
±100
µV
1.This table also applies to external VCP_FILT supply mode: CS43198 power up procedure is per description in Section 5.12.1; EXT_VCPFILT = 1;
VCP_FILT+ and VCP_FILT– comply to
Table 3-2 when EXT_VCPFILT = 1; in this mode, HV_EN must be set to 1.
2.One LSB of triangular PDF dither is added to PCM data.
3.Referred to the typical full-scale voltage. Applies to all THD+N and dynamic range values in the table.
4.DSD performance may be limited by the source recording. 0 dB-SACD = 50% modulation index.
5.The volume must be configured as indicated to achieve specified output characteristics.
Table 3-4. Analog Output Characteristics (HV_EN = 1) 1 (Cont.)
Test conditions (unless otherwise specified): Fig. 2-1 shows CS43198 connections; input test signal is a 32-bit, full-scale 997-Hz sine wave (unless
specified otherwise); GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground; ASP_M/Sb = 1; typical, min/max performance data taken with
VA = VCP = 1.8 V; VL = VD = 1.8 V; VP = 3.6 V; TA = +25°C; measurement bandwidth is 20 Hz–20 kHz; ASP_SPRATE = 0001 (LRCK = 44.1-kHz mode);
PDN_XTAL = 0, MCLK_INT = 1, PLUS_1DB = 0, and MCLK_SRC_SEL = 00 (crystal frequency fXTAL = 22.5792 MHz); Volume = 0 dB; when testing in
DSD processor mode, DSD_ZERODB = 1
; when testing noise related specifications (dynamic range, THD+N, idle channel noise), no external impedance
on REFx.
PCM and DSD Processor Mode Parameter 2,3,4
Minimum
Typical
Maximum
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com