Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 18Page - Cirrus Logic CS43198 Datasheet HTML 19Page - Cirrus Logic CS43198 Datasheet HTML 20Page - Cirrus Logic CS43198 Datasheet HTML 21Page - Cirrus Logic CS43198 Datasheet HTML 22Page - Cirrus Logic CS43198 Datasheet HTML 23Page - Cirrus Logic CS43198 Datasheet HTML 24Page - Cirrus Logic CS43198 Datasheet HTML 25Page - Cirrus Logic CS43198 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 137 page
background image
22
DS1156F1
CS43198
3 Characteristics and Specifications
Master
Mode
FSYNC duty cycle
xSP_5050 = 1
—
45
—
55
%
FSYNC delay time after SCLK launching edge 6
tD:CLK–FSYNC
——10
ns
SCLK frequency
fSCLK
——
fMCLK_INT
MHz
SCLK high period 7
tHI:SCLK
1/(2•fSCLK) –
1/fMCLK_INT
—1/(2•fSCLK) +
1/fMCLK_INT
ns
SDIN setup time before SCLK latching edge 6
tSU:SDI
10
—
—
ns
SDIN hold time after SCLK latching edge 6
tH:SDI
5—
—
ns
Slave
Mode
FSYNC setup time before SCLK latching edge 6
tSU:FSYNC
10
—
—
ns
FSYNC hold time after SCLK latching edge 6
tH:FSYNC
5—
—
ns
SCLK frequency
fSCLK
——
24.58
MHz
SCLK high period
tHI:SCLK
16
—
—
ns
SCLK low period
tLO:SCLK
16
—
—
ns
SDIN setup time before SCLK latching edge 8
tSU:SDI
10
—
—
ns
SDIN hold time after SCLK latching edge 6
tH:SDI
5—
—
ns
1.Output clock frequencies follow the internal master clock (MCLK_INT) frequency proportionally. Any deviation of the clock source from the nominal
supported rates are directly imparted to the output clock rate by the same factor (e.g., +100-ppm offset in the frequency of MCLK_INT becomes a
+100-ppm offset in LRCK/FSYNC and SCLK).
2.I2S interface timing
3.TDM interface timing
(shown with xSP_FSD = 010, xSP_LCHI = 1)
4.Applies to Master and Slave Modes, unless specified otherwise.
5.Maximum LRCK duty cycle is equal to frame length, in SCLK periods, minus 1. Maximum duty cycle occurs when LRCK high (xSP_LCHI) is set to
768 SCLK periods and LRCK period (xSP_LCPR) is set to 769 SCLK periods.
6.Data may be latched/launched on either the rising or falling edge of SCLK.
7.SCLK duty cycle in Master Mode depends on Master Mode clock configuration, and can vary by up to 1 MCLK_INT period.
8.Data is latched/launched on the rising or falling edge of SCLK as determined by xSP_SCPOL_OUT, xSP_SCPOL_IN, and xSP_FSD bits. See the
SCLK launching specs in Table 3-18.
Table 3-19. DSD Switching Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43198 connections; GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground;
parameters can vary with VL; typical performance data taken with VL = VD = VA = VCP = 1.8 V, VP = 3.6 V; min/max performance data taken with VL =
1.8 V; VD = VA = VCP = 1.8 V, VP = 3.6 V; TA = +25°C; CL = 60 pF; Logic 0 = ground, Logic 1 = VL; output timings are measured at VOL and VOH thresholds
(see Table 3-11).
Parameter 1,2
Symbol
Minimum Typical
Maximum
Units
DSDCLK duty cycle
—
40
—
60
%
DSDCLK pulse width low
tSCLKL
40
—
—
ns
DSDCLK pulse width high
tSCLKH
40
—
—
ns
Table 3-18. Serial-Port Interface Characteristics (Cont.)
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43198 connections; GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground;
parameters can vary with VL; typical performance data taken with VL = VD = VA = VCP = 1.8 V, VP = 3.6 V; min/max performance data taken with VL =
1.8 V; VD = VA = VCP = 1.8 V, VP = 3.6 V; TA = +25°C; CL = 60 pF; Logic 0 = ground, Logic 1 = VL; output timings are measured at VOL and VOH thresholds
(see Table 3-11).
Parameters 1,2,3,4
Symbol
Minimum
Typical
Maximum
Units
SCLK
(CPOL = 1)
SDIN
tSU:SDI
tH:SDI
LRCK/FSYNC
tD:CLK–FSYNC
1/Fs
...
...
fSCLK = N · Fs
tSU:FSYNC
tH:FSYNC
tLO:SCLK
tHI:SCLK
SCLK
(CPOL = 0)
...
1/fSCLK
...
...
...
...
...
SCLK
SDIN
tSU:SDI
tH:SDI
LRCK/FSYNC
tD:CLK-FSYNC
1/fSCLK
Don’t Care
Frame location 0
Frame location N -1
1/Fs
...
...
...
fSCLK = N · Fs
tSU :FSYNC
tH:FSYNC
tHI:FSYNC
tLO:SCLK
tHI:SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com