Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 22Page - Cirrus Logic CS43198 Datasheet HTML 23Page - Cirrus Logic CS43198 Datasheet HTML 24Page - Cirrus Logic CS43198 Datasheet HTML 25Page - Cirrus Logic CS43198 Datasheet HTML 26Page - Cirrus Logic CS43198 Datasheet HTML 27Page - Cirrus Logic CS43198 Datasheet HTML 28Page - Cirrus Logic CS43198 Datasheet HTML 29Page - Cirrus Logic CS43198 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 137 page
background image
26
DS1156F1
CS43198
4.1 Overview
• The clock generated by the CS43198 crystal oscillator.
• Output of the internal Fractional-N PLL that refers to MCLK input. See Section 4.6.1 for supported frequencies.
The internal MCLK is used to generate serial port clocks. See Table 4-6 for supported LRCK combinations.
4.1.5
System Interrupts
The CS43198 includes an open-drain interrupt output (INT pin). Interrupt mask registers control whether an event
associated with an interrupt status/mask bit pair triggers the assertion of INT. All types of interrupt are described in
Section 4.10.
4.1.6
System Reset
The CS43198 offers two types of reset options:
• Asserting RESET. If RESET is asserted, all registers and state machines are immediately set to their default values/
states. No operation can begin until RESET is deasserted. Before normal operation can begin, RESET must be
asserted at least once after the VP supply is first brought up.
• Power-on reset (POR). If the VD supply is lower than the POR threshold specified in Table 3-16, all registers and
state machines are set to their default values/states. The POR releases the reset when the VD supply goes above
the POR threshold. When the VD supply is turned on, the VL and VA supplies must also be turned on at the same
time.
4.1.7
Power Down
The CS43198 has a register to power down individual components on the chip. Before any change can be applied to an
individual component (except PLL), the block must be powered down first. For the PLL, changes can be applied after PLL_
START is cleared.
The PDN_HP bit is responsible for enabling or disabling the signal chain playback operation. Setting PDN_HP disables
signal chain playback operation. All the necessary components for playback operation need to be powered up and
configured properly before PDN_HP is cleared. PDN_HP needs to be set before making any changes to the playback
signal chain setup, except the following functions:
• Volume and mute related functions
• PCM filter settings (see Section 7.5.2)
Before ASP, XSP, or DSDIF can be safely powered down, PDN_HP must be asserted, and PDN_DONE_INT must be
present. For XTAL or PLL used as the source of internal MCLK, PDN_HP needs to be set first and MCLK source needs
to be properly switched away before PDN_XTAL or PDN_PLL is set. If PLL output is only used as the source of CLKOUT,
PDN_PLL can be set without PDN_HP being asserted. If the steps described above are not followed, the CS43198 enters
an unresponsive state.
PDN_CLKOUT does not require PDN_HP to be set before it is enabled.
Recommended power-up and power-down sequences can be found in the Section 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com