Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 31Page - Cirrus Logic CS43198 Datasheet HTML 32Page - Cirrus Logic CS43198 Datasheet HTML 33Page - Cirrus Logic CS43198 Datasheet HTML 34Page - Cirrus Logic CS43198 Datasheet HTML 35Page - Cirrus Logic CS43198 Datasheet HTML 36Page - Cirrus Logic CS43198 Datasheet HTML 37Page - Cirrus Logic CS43198 Datasheet HTML 38Page - Cirrus Logic CS43198 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 137 page
background image
DS1156F1
35
CS43198
4.5 Clocking Architecture
When the MCLK is supplied to the device through the XTI/MCLK pin, it must comply with the phase-noise mask shown in
Fig. 4-11. Its frequency must be one of the nominal MCLK_INT frequencies (22.5792 or 24.576 MHz), and its duty cycle
must be between 45% to 55%.
Figure 4-11. MCLK Phase Noise Mask Without PLL
When the PLL reference clock is supplied to the device through the XTI/MCLK pin, it must comply with the phase-noise
mask shown in Fig. 4-12.
Figure 4-12. MCLK Phase Noise Mask With PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com