Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 21Page - Cirrus Logic CS43198 Datasheet HTML 22Page - Cirrus Logic CS43198 Datasheet HTML 23Page - Cirrus Logic CS43198 Datasheet HTML 24Page - Cirrus Logic CS43198 Datasheet HTML 25Page - Cirrus Logic CS43198 Datasheet HTML 26Page - Cirrus Logic CS43198 Datasheet HTML 27Page - Cirrus Logic CS43198 Datasheet HTML 28Page - Cirrus Logic CS43198 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 137 page
background image
DS1156F1
25
CS43198
4 Functional Description
4 Functional Description
This section describes the general theory of operation of the CS43198, tracing the signal and control flow through the
various blocks within the device. It comprises the following sections:
• Section 4.1, “Overview”
• Section 4.2, “Analog Outputs”
• Section 4.3, “Class H Output”
• Section 4.4, “Headphone Presence Detect”
• Section 4.5, “Clocking Architecture”
• Section 4.6, “Clock Output and Fractional-N PLL”
• Section 4.7, “Filtering Options”
• Section 4.8, “Audio Serial Port (ASP)”
• Section 4.9, “DSD Interface”
• Section 4.10, “DSD and PCM Mixing”
• Section 4.11, “Standard Interrupts”
• Section 4.12, “Control Port Operation”
• Section 4.13, “Programmable Filter”
4.1 Overview
4.1.1
Analog Outputs
The analog output block includes separate pseudodifferential output. An on-chip inverting charge pump creates a positive
and negative voltage equal to the input, allowing an adaptable, full-scale output swing centered around ground. The
resulting internal supply can be ±VCP, or ±VP_LDO (either ±3.0 V with HV_EN = 1 or ±2.6 V with HV_EN = 0).
4.1.2
Headphone Detection
The CS43198 detects the presence of a headphone and notifies the application processor to wake up through an interrupt
event.
4.1.3
Audio Interfaces and Supported Formats
There are two serial input ports on the CS43198, the audio serial port (ASP) and the auxiliary serial port (XSP). The ASP
on the CS43198 supports I2S, TDM, and DoP (DSD over PCM) formats up to a 384-kHz sample rate. The XSP on the
CS43198 supports the DoP format up to a 352.8-kHz sample rate.
The CS43198 also has a dedicated DSD interface to support up to a 256•Fs DSD stream. The DSD interface shares pins
with the XSP.
4.1.4
System Clocking
The CS43198 internal MCLK can be sourced from three options:
• Direct MCLK/crystal mode. The internal MCLK is provided through XTI/MCLK pin directly or generated by crystal
oscillator.
• PLL mode. A PLL reference CLK is provided by externally through XTI/MCLK. The PLL is configured, and output is
used as the internal MCLK.
• RCO mode. An internal RCO is used as the internal MCLK. This mode can support HP detection and I2C
communication. DAC playback function is not supported.
The clock output is provided for audio applications that require high quality audio rate system clock. This clock output can
be sourced from the following two options:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com