Electronic Components Datasheet Search
  English  ▼

X  

CS43198 Datasheet(PDF) 92 Page - Cirrus Logic

Part # CS43198
Description  130-dB, 32-Bit High-Performance DAC with Pseudodifferential Outputs
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43198 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button CS43198 Datasheet HTML 88Page - Cirrus Logic CS43198 Datasheet HTML 89Page - Cirrus Logic CS43198 Datasheet HTML 90Page - Cirrus Logic CS43198 Datasheet HTML 91Page - Cirrus Logic CS43198 Datasheet HTML 92Page - Cirrus Logic CS43198 Datasheet HTML 93Page - Cirrus Logic CS43198 Datasheet HTML 94Page - Cirrus Logic CS43198 Datasheet HTML 95Page - Cirrus Logic CS43198 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 137 page
background image
92
DS1156F1
CS43198
6.5 Analog Output and PCM Registers
6.5 Analog Output and PCM Registers
Address
Function
7
654321
0
0x08 0000 Analog Output Control
1
—
—
OUT_FS
—
—
—
+1dB_EN
p. 111
0
011000
0
0x09 0000 PCM Filter Option
FILTER_
SLOW_FASTB
PHCOMP_
LOWLATB
NOS
—
PCM_WBF_
EN
HIGH_PASS
DEEMP_ON
p. 111
0
000001
0
0x09 0001 PCM Volume B
PCM_VOLUME_B
p. 112
0
111100
0
0x09 0002 PCM Volume A
PCM_VOLUME_A
p. 112
0
111100
0
0x09 0003 PCM Path Signal
Control 1
PCM_RAMP_
DOWN
PCM_VOL_
BEQA
PCM_SZC
PCM_AMUTE
PCM_
AMUTEBEQA
PCM_MUTE_A PCM_MUTE_B
p. 112
1
010100
0
0x09 0004 PCM Path Signal
Control 2
—
PCM_INV_A
PCM_INV_B
PCM_SWAP_
CHAN
PCM_COPY_
CHAN
p. 113
0
000000
0
0x09 000A Programmable Filter
Control 1
SOS1_CTRL
SOS2_CTRL
FOS_CTRL
SOS3_ON
—
p. 113
0
000000
0
0x09 000B Programmable Filter
Control 2
—SOS1_
COEFF_CP
SOS2_
COEFF_CP
FOS_COEFF_
CP
—
p. 113
0
000000
0
0x09 000C
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_B0_LSBYTE
0
000000
0
0x09 000D
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_B0_MSBYTE
1
000000
0
0x09 000E Programmable Filter
Coefficients
—
SOS1_
COEFF_B0_
SIGN
p. 114
0
000000
0
0x09 000F
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_B1_LSBYTE
0
000000
0
0x09 0010
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_B1_MSBYTE
0
000000
0
0x09 0011 Programmable Filter
Coefficients
—
SOS1_
COEFF_B1_
SIGN
p. 114
0
000000
0
0x09 0012
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_B2_LSBYTE
0
000000
0
0x09 0013
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_B2_MSBYTE
0
000000
0
0x09 0014 Programmable Filter
Coefficients
—
SOS1_
COEFF_B2_
SIGN
p. 114
0
000000
0
0x09 0015
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_A1_LSBYTE
0
000000
0
0x09 0016
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_A1_MSBYTE
0
000000
0
0x09 0017 Programmable Filter
Coefficients
—
SOS1_
COEFF_A1_
SIGN
p. 114
0
000000
0
0x09 0018
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_A2_LSBYTE
0
000000
0
0x09 0019
p. 114
Programmable Filter
Coefficients
SOS1_COEFF_A2_MSBYTE
0
000000
0
0x09 001A Programmable Filter
Coefficients
—
SOS1_
COEFF_A2_
SIGN
p. 114
0
000000
0
0x09 001B
p. 114
Programmable Filter
Coefficients
SOS2_COEFF_B0_LSBYTE
0
000000
0
0x09 001C
p. 114
Programmable Filter
Coefficients
SOS2_COEFF_B0_MSBYTE
1
000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com