Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 28Page - Renesas Technology Corp AT25SL321 Datasheet HTML 29Page - Renesas Technology Corp AT25SL321 Datasheet HTML 30Page - Renesas Technology Corp AT25SL321 Datasheet HTML 31Page - Renesas Technology Corp AT25SL321 Datasheet HTML 32Page - Renesas Technology Corp AT25SL321 Datasheet HTML 33Page - Renesas Technology Corp AT25SL321 Datasheet HTML 34Page - Renesas Technology Corp AT25SL321 Datasheet HTML 35Page - Renesas Technology Corp AT25SL321 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 32
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
Figure 20. Fast Read Dual I/O Command (previous M7-0 = Axh)
24
23
15
25 26 27 28
17
16
18 19 20 21 22
29 30 31
SCK
CS
MSB
75
6
3
420
6420
6420
6420
1
7531
7531
7531
7
6
IO
s switch from
Input to Output
SCK
CS
6420
64
7531
75
0
123
45
6
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
17
18
19
20
21
22
23
Mode 3
Mode 0
A23-16
A15-8
Byte 1
Byte 2
Byte 3
Byte 4
A7-0
M7-0
MSB
MSB
MSB
MSB
MSB
IO
0
IO
1
IO
0
IO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com