Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 69Page - Renesas Technology Corp AT25SL321 Datasheet HTML 70Page - Renesas Technology Corp AT25SL321 Datasheet HTML 71Page - Renesas Technology Corp AT25SL321 Datasheet HTML 72Page - Renesas Technology Corp AT25SL321 Datasheet HTML 73Page - Renesas Technology Corp AT25SL321 Datasheet HTML 74Page - Renesas Technology Corp AT25SL321 Datasheet HTML 75Page - Renesas Technology Corp AT25SL321 Datasheet HTML 76Page - Renesas Technology Corp AT25SL321 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 73
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
Note: Output Hi-Z is defined as the point where data out is no longer driven.
Figure 67. AC Measurement I/O Waveform
9.7
AC Measurement Conditions
Parameter
Symbol
Min
Max
Units
Load Capacitance
CL
30
pF
Input Rise and Fall Times
TR, TF
5ns
Input Pulse Voltages
VIN
0.2 VCC to 0.8 VCC
V
Input Timing Reference Voltages
IN
0.3 VCC to 0.7 VCC
V
Output Timing Reference Voltages
OUT
0.5 VCC to 0.5 VCC
V
9.8
AC Electrical Characteristics
Parameter
Symbol
Alt
Min
Typ
Max
Units
Clock frequency. For all commands, except Read Data (03h)
1.7V-1.95V VCC and Industrial Temperature
FR
fc
DC
104
MHz
Clock freq. Read Data command (03h)
fR
DC
50
MHz
Clock High, Low Time except Read Data (03h)
tCLH, tCLL 1
4.5
ns
Clock High, Low Time for Read Data (03h)commands
tCRLH, tCRLL
1
8ns
Clock Rise Time peak to peak
tCLCH 2
0.1
V/ns
Clock Fall Time peak to peak
tCHCL 2
0.1
V/ns
CS Active Setup Time relative to Clock
tSLCH
tCSS
5ns
CS Not Active Hold Time relative to Clock
tCHSL
5ns
Data In Setup Time
tDVCH
tDSU
2ns
Data In Hold Time
tCHDX
tDH
3ns
CS Active Hold Time relative to Clock
tCHSH
5ns
CS Not Active Setup Time relative to Clock
tSHCH
5ns
CS Deselect Time (for Read commands/ Write,
Erase and Program commands)
tSHSL
tCSH
100
ns
Output Disable Time
tSHQZ 2
tDIS
7ns
Clock Low to Output Valid
tCLQV
tV1
7ns
Clock Low to Output Valid (Except Main Read) (3)
tCLQV
tV2
8ns
Output Hold Time
tCLQX
tHO
1.5
ns
HOLD Active Setup Time relative to Clock
tHLCH
5ns
0.2 V
CC
AC
Measurement Level
0.5 V
CC
0.8 V
CC
Output Timing
Reference Levels
Reference Levels
Input Timing
Input pulse rise and fall times are < 5 ns
0.7 V
CC
0.3 V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com