Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 43Page - Renesas Technology Corp AT25SL321 Datasheet HTML 44Page - Renesas Technology Corp AT25SL321 Datasheet HTML 45Page - Renesas Technology Corp AT25SL321 Datasheet HTML 46Page - Renesas Technology Corp AT25SL321 Datasheet HTML 47Page - Renesas Technology Corp AT25SL321 Datasheet HTML 48Page - Renesas Technology Corp AT25SL321 Datasheet HTML 49Page - Renesas Technology Corp AT25SL321 Datasheet HTML 50Page - Renesas Technology Corp AT25SL321 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 47
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
8.24 Release Deep Power Down / Device ID (ABh)
The Release Deep Power Down / Device ID command is a multi-purpose command. It can be used to release
the device from the Deep Power Down state or obtain the device identification (ID).
The command is issued by driving the CS pin low, sending the command code ABh and driving CS high as
shown in figure Figure 40 and Figure 41. The Release from Deep Power Down operation requires the time
duration of tRES1. The CS pin must keep high during the tRES1 time duration.
The Device ID can be read during SPI mode only. In other words, Device ID feature is not available in QPI mode
for Release Deep Power Down/Device ID command. To obtain the Device ID in SPI mode, command is initiated
by driving the CS pin low and sending the command code ABh with following 3-dummy bytes. The Device ID
bits are then shifted on the falling edge of SCK with most significant bit (MSB) first, as shown in Figure 42.
After CS is driven high it must keep high for a time duration of tRES2. See Section 9.8, AC Electrical
Characteristics. The Device ID can be read continuously. The command is completed by driving CS high.
If the Release from Deep Power Down /Device ID command is issued while an Erase, Program or Write cycle is
in process (when BUSY equals 1) the command is ignored and does not have any effects on the current cycle.
Figure 40. Release Power Down Command (SPI Mode)
Figure 41. Release Power Down Command (QPI Mode)
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
Power-Down Current
Stand-By Current
SI
SCK
CS
Command (ABh)
t
RES1
IO
IO
IO
IO
SCK
Command
(ABh)
01
Mode 3
Mode 0
Power-Down Current
Stand-ByCurrent
Mode 3
Mode 0
CS
t
RES1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com