Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 12Page - Renesas Technology Corp AT25SL321 Datasheet HTML 13Page - Renesas Technology Corp AT25SL321 Datasheet HTML 14Page - Renesas Technology Corp AT25SL321 Datasheet HTML 15Page - Renesas Technology Corp AT25SL321 Datasheet HTML 16Page - Renesas Technology Corp AT25SL321 Datasheet HTML 17Page - Renesas Technology Corp AT25SL321 Datasheet HTML 18Page - Renesas Technology Corp AT25SL321 Datasheet HTML 19Page - Renesas Technology Corp AT25SL321 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 16
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
7.3
Status Register Protect (SRP1, SRP0)
The Status Register Protect bits (SRP1 and SRP0) are non-volatile read/write bits in the Status register (S8
and S7). The SRP bits control the method of write protection. These include software protection, hardware
protection, power supply lock-down or one time programmable (OTP) protection.
Note: When SRP1, SRP0 = (1,0), a power down, power-up cycle changes SRP1, SRP0 = (0,0).
7.4
Quad Enable (QE)
The Quad Enable (QE) bit is a non-volatile read/write bit in the status register (S9) that allows Quad
operation. When the QE bit is set to a 0 state (factory default) the WP pin and HOLD are enabled. When the QE
pin is set to a 1 the Quad IO2 and IO3 pins are enabled. WARNING: Never set the QE bit to a 1 during standard
SPI or Dual SPI operation if the WP or HOLD pins are tied directly to the power supply or ground.
7.5
Erase/Program Suspend Status (SUS)
The Suspend Status bit (SUS) is a read only bit in the status register (S15) that is set to 1 after executing an
Erase/Program Suspend (75h) command. The SUS status bit is cleared to 0 by Erase/Program Resume (7Ah)
command as well as a power down, power-up cycle.
Table 4. Encoding of the SRP[1:0] Bits in the Status Register
SRP1
SRP0
WP
Status Register
Description
0
0
X
Software Protected
The register can be written to after a Write Enable command, WEL = 1.
[Factory Default]
0
1
0
Hardware Protected
When WP pin is low the Status Register locked and can not be written to.
0
1
1
Hardware Unprotected
When WP pin is high the Status register is unlocked and can be written
to after a Write Enable command, WEL=1.
10
X
Power Supply
Lock-Down
Status Register is protected and cannot be written to again until the next
power down, power-up cycle(1)
1
1
X
One-Time Program
Status Register is permanently protected and cannot be written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com