Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 37Page - Renesas Technology Corp AT25SL321 Datasheet HTML 38Page - Renesas Technology Corp AT25SL321 Datasheet HTML 39Page - Renesas Technology Corp AT25SL321 Datasheet HTML 40Page - Renesas Technology Corp AT25SL321 Datasheet HTML 41Page - Renesas Technology Corp AT25SL321 Datasheet HTML 42Page - Renesas Technology Corp AT25SL321 Datasheet HTML 43Page - Renesas Technology Corp AT25SL321 Datasheet HTML 44Page - Renesas Technology Corp AT25SL321 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 41
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
8.18 32 kB Block Erase (52h)
The Block Erase command is to erase the data of the selected block as being 1. The command is used for 32K-
byte Block erase operation. Prior to the Block Erase Command, a Write Enable command must be issued. The
command is initiated by driving the CS pin low and shifting the command code 52h followed a 24-bit block
address (A23-A0). See Figure 31 and Figure 32.
The CS pin must go high after the eighth bit of the last byte has been latched in, otherwise, the Block Erase
command can not be executed. After CS is driven high, the self-timed Block Erase command commences for a
time duration of tBE1. See Section 9.8, AC Electrical Characteristics.
While the Block Erase cycle is in progress, the Read Status Register command can still be read the status of
the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is finished
and the device is ready to accept other commands again. When the BUSY bit is asserted, the Write Enable Latch
(WEL) bit in the Status Register is cleared to 0.
Figure 31. 32 kB Block Erase Command (SPI Mode)
Figure 32. 32 kB Block Erase Command (QPI Mode)
35
246
7
29
31
30
9
8
23
22
2
1
0
01
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
SO
SI
SCK
CS
Command (52h)
24-Bit Address
MSB
SCK
CS
1
02
3
4
5
Mode 3
Command
52h
A23-16
A15-8
A7-0
Mode 0
8
12
11
15
14
10
9
13
16
20
18
19
23
22
17
21
IO
IO
IO
IO
0
4
2
3
7
6
1
5
67
Mode 3
Mode 0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com