Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 39Page - Renesas Technology Corp AT25SL321 Datasheet HTML 40Page - Renesas Technology Corp AT25SL321 Datasheet HTML 41Page - Renesas Technology Corp AT25SL321 Datasheet HTML 42Page - Renesas Technology Corp AT25SL321 Datasheet HTML 43Page - Renesas Technology Corp AT25SL321 Datasheet HTML 44Page - Renesas Technology Corp AT25SL321 Datasheet HTML 45Page - Renesas Technology Corp AT25SL321 Datasheet HTML 46Page - Renesas Technology Corp AT25SL321 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 43
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
8.20 Chip Erase (C7h / 60h)
The Chip Erase command clears all bits in the device to be FFh (all 1s). Prior to the Chip Erase Command, a
Write Enable command must be issued. The command is initiated by driving the CS pin low and shifting the
command code C7h or 60h. (See Figure 35). The CS pin must go high after the eighth bit of the last byte has
been latched in; otherwise, the Chip Erase command can not be executed. After CS is driven high, the self-timed
Chip Erase command commences for a duration of tCE. See Section 9.8, AC Electrical Characteristics.
While the Chip Erase cycle is in progress, the Read Status Register command can still be accessed to check the
status of the BUSY bit. The BUSY bit is a 1 during the Chip Erase cycle and becomes a 0 when the cycle is
finished and the device is ready to accept other commands again. When the BUSY bit is asserted, the Write
Enable Latch (WEL) bit in the Status Register is cleared to 0.
Figure 35. Chip Erase Command for SPI Mode (left) and QPI Mode (right)
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
SCK
SCK
CS
Command (C7h/60h)
Command
(C7h/60h)
01
Mode 3
Mode 0
Mode 3
Mode 0
CS
SI
SO
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com