Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 68Page - Renesas Technology Corp AT25SL321 Datasheet HTML 69Page - Renesas Technology Corp AT25SL321 Datasheet HTML 70Page - Renesas Technology Corp AT25SL321 Datasheet HTML 71Page - Renesas Technology Corp AT25SL321 Datasheet HTML 72Page - Renesas Technology Corp AT25SL321 Datasheet HTML 73Page - Renesas Technology Corp AT25SL321 Datasheet HTML 74Page - Renesas Technology Corp AT25SL321 Datasheet HTML 75Page - Renesas Technology Corp AT25SL321 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 72
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
1. Tested on sample basis and specified through design and characterization data, TA = 25 ˚C,
VCC = 1.8 V.
2. Checkerboard pattern.
9.6
DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Capacitance
CIN(1)
VIN = 0 V(2)
6pF
Output Capacitance
COUT(1)
VOUT = 0 V(2)
8pF
Input Leakage
ILI
±2
µA
I/O Leakage
ILO
±2
µA
Standby Current
ICC1
CS = VCC
VIN = GND or VCC
10
50
µA
Power-Down Current
ICC2
CS = VCC
VIN = GND or VCC
220
µA
Current Read Data/
Dual/Quad 50 MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
IO = Open
715
mA
Current Read Data/
Dual/Quad 80 MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
IO = Open
11
18
mA
Current Read Data/
Dual/Quad 104 MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
IO = Open
11
20
mA
Current Write Status Register
ICC4
CS = VCC
10
20
mA
Current Page Program
ICC5
CS = VCC
15
25
mA
Current Block Erase
ICC6
CS = VCC
15
25
mA
Current Chip Erase
ICC7
CS = VCC
15
25
mA
Input Low Voltages
VIL
-0.5
VCC x0.2
V
Input High Voltages
VIH
VCC x0.8
VCC +0.4
V
Output Low Voltages
VOL
IOL = 100 µA
0.2
V
Output High Voltages
VOH
IOH = -100 µA
VCC -0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com