Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 56Page - Renesas Technology Corp AT25SL321 Datasheet HTML 57Page - Renesas Technology Corp AT25SL321 Datasheet HTML 58Page - Renesas Technology Corp AT25SL321 Datasheet HTML 59Page - Renesas Technology Corp AT25SL321 Datasheet HTML 60Page - Renesas Technology Corp AT25SL321 Datasheet HTML 61Page - Renesas Technology Corp AT25SL321 Datasheet HTML 62Page - Renesas Technology Corp AT25SL321 Datasheet HTML 63Page - Renesas Technology Corp AT25SL321 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 60
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
8.36 Read Serial Flash Discovery Parameter (5Ah)
The Read Serial Flash Discovery Parameter (SFDP) command allows reading the Serial Flash Discovery
Parameter area (SFDP). This SFDP area is composed of 2048 read-only bytes containing operating
characteristics and vendor specific information. The SFDP area is factory programmed. If the SFDP area is blank,
the device is shipped with all the SFDP bytes at FFh. If only a portion of the SFDP area is written to, the portion
not used is shipped with bytes in erased state (FFh).
The command sequence for the read SFDP has the same structure as that of a Fast Read command. First, the
device is selected by driving Chip Select (CS) low. Next, the 8-bit command code (5Ah) and the 24-bit address
are shifted in, followed by 8 dummy clock cycles. The bytes of SFDP content are shifted out on the Serial Data
Output (SO) starting from the specified address. Each bit is shifted out during the falling edge of Serial Clock
(SCK). The command sequence is shown here. The Read SFDP command is terminated by driving Chip Select
(CS) High at any time during data output.
Figure 59. Read SFDP Register Command
31
32
33 34
35
36 37
38
39 40
41
42
43
44
45
46
47
48
49
50
51 52
53
54
55
35
246
7
28
30
10
29
31
9
8
23
22
21
3
2
1
0
0
0
1
Mode 3
Mode 0
High-Impedance
High-Impedance
SO
SI
SCK
CS
SO
SI
SCK
CS
Command (5Ah)
24-Bit Address
MSB
MSB
MSB
Dummy Byte
Data Out 1
Data Out 2
7654
3210
7654
3210
7654
3210
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com