Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 5 Page - Renesas Technology Corp

  AT25SL321 Datasheet HTML 1Page - Renesas Technology Corp AT25SL321 Datasheet HTML 2Page - Renesas Technology Corp AT25SL321 Datasheet HTML 3Page - Renesas Technology Corp AT25SL321 Datasheet HTML 4Page - Renesas Technology Corp AT25SL321 Datasheet HTML 5Page - Renesas Technology Corp AT25SL321 Datasheet HTML 6Page - Renesas Technology Corp AT25SL321 Datasheet HTML 7Page - Renesas Technology Corp AT25SL321 Datasheet HTML 8Page - Renesas Technology Corp AT25SL321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 5
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
Figure 48. Read JEDEC ID Command (QPI Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 49. Enable QPI Command (SPI Mode only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 50. Disable QPI Command for QPI Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 51. Word Read Quad I/O Command (Initial command or previous set M7-0 ≠ Axh, SPI Mode) . . . . . . . 54
Figure 52. Word Read Quad I/O command (Previous Command set M7-0= Axh, SPI Mode) . . . . . . . . . . . . . . 54
Figure 53. Set Burst with Wrap Command Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 54. Burst Read with Wrap command (QPI Mode, 80 MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 55. Burst Read with Wrap command (QPI Mode, 104 MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 56. Set Read Parameters command (QPI Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 57. Enable Reset and Reset Command (SPI Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 58. Enable Reset and Reset Command (QPI Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 59. Read SFDP Register Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 60. Enter Secured OTP Command for SPI Mode (left) and QPI Mode (right) . . . . . . . . . . . . . . . . . . . . . 67
Figure 61. Exit Secured OTP command for SPI Mode (left) and QPI Mode (right) . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 62. Read Security Register command (SPI Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 63. Read Security Register command (QPI Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 64. Write Security Register Command for SPI Mode (left) and QPI Mode (right) . . . . . . . . . . . . . . . . . . 69
Figure 65. Power-up Timing and Voltage Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 66. ACC Program Acceleration Timing and Voltage Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 67. AC Measurement I/O Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com