Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 66Page - Renesas Technology Corp AT25SL321 Datasheet HTML 67Page - Renesas Technology Corp AT25SL321 Datasheet HTML 68Page - Renesas Technology Corp AT25SL321 Datasheet HTML 69Page - Renesas Technology Corp AT25SL321 Datasheet HTML 70Page - Renesas Technology Corp AT25SL321 Datasheet HTML 71Page - Renesas Technology Corp AT25SL321 Datasheet HTML 72Page - Renesas Technology Corp AT25SL321 Datasheet HTML 73Page - Renesas Technology Corp AT25SL321 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 70
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
9.
ElectricalCharacteristics
1. Stresses beyond those listed under Absolute Maximum Ratings cause permanent damage to the device. The Absolute Maximum Ratings
are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods affect device reliability.
Voltage extremes referenced in the Absolute Maximum Ratings are intended to accommodate short duration undershoot/overshoot condi-
tions and does not imply or guarantee functional device operation at these levels for any extended period of time.
2. Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the European directive on restrictions
on hazardous substances (RoHS) 2002/95/EU.
3. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500 Ohms, R2=500 Ohms).
9.1
Absolute Maximum Ratings(1)
Parameter
Symbol
Conditions
Range
Units
Supply Voltage
VCC
-0.6 to VCC+0.4
V
Voltage Applied to Any Pin
VIO
Relative to Ground
-0.6 to VCC +0.4
V
Transient Voltage on any Pin
VIOT
<20 ns Transient Relative to Ground
-1.0 V to VCC +1.0 V
V
Storage Temperature
TSTG
-65 to +150
˚C
Lead Temperature
TLEAD
See Note(2)
˚C
Electrostatic Discharge Voltage
VESD
Human Body Model(3)
-2000 to +2000
V
9.2
Operating Ranges
Parameter
Symbol
Conditions
Min
Max
Units
Power Supply Voltage
VCC
FR = 104 MHz (Single/Dual/Quad SPI)
fR = 50 MHz (Read Data 03h)
1.7
2.0
V
Ambient Operating Temperature
TAIndustrial
-40
+85
˚C
9.3
Endurance and Data Retention
Parameter
Applies to
Conditions
Min
Erase/Program Cycles
4 kB Block, 32/64 kB block, or full chip.
100,000
Cycles
Data Retention
Full temperature range
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com