Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 19Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 20Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 21Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 22Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 23Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 24Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 25Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 26Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 242 page
background image
Introduction
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
1-7
Figure 1-2 ARM instruction set formats
Note
Some instruction codes are not defined but do not cause the Undefined instruction trap
to be taken. For example, a multiply instruction with bit 6 changed to a 1. You must not
use these instructions, as their action might change in future ARM implementations.
Data processing
immediate
Multiply long
Load/store halfword/
signed byte
Load/store halfword/
signed byte
Load/store multiple
Branch and branch with
link
Coprocessor load and
store
Coprocessor data
processing
Coprocessor register
transfers
Software interrupt
0
0
0
1
1
1
1
1
1
0
0
0
0
0
1
1
1
1
0
0
0
0
1
0
1
1
1
0
P
P
P
0
0
1
1
U
U
U
0
1
A
W
W
S
L
L
P U S W L
Multiply
0 0 0 0 0 0 A S
L
24_bit_offset
Rd
RdHi
Rn
Rn
Rn
U N W L
Rn
op1
op1
swi_number
L
Rn
RdLo
Rd
Rd
Register list
Rs
CRn
CRn
CRd
CRd
Rd
cp_num
cp_num
cp_num
Rn
1 0 0 1
1 0 0 1
SBZ
1 S H 1
High offset 1 S H 1
Rm
Rm
Rm
Rm
Low offset
8_bit_offset
op2
op2
0
1
CRm
CRm
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Data processing
immediate shift
0 0 0
opcode
S
Rn
Rd
shift immediate shift 0
Rm
Data processing register
shift
0 0 0
opcode
S
Rn
Rd
Rs
shift 1
Rm
0
Move from status register
0 0 0 1 0 R 0 0
SBO
Rd
SBZ
Move immediate to status
register
0 0 1 1 0 R 1 0
Mask
SBO
rotate
immediate
Move register to status
register
0 0 0 1 0 R 1 0
Mask
SBO
SBZ
Rm
0
Branch/exchange
instruction set
0 0 0 1 0 0 1 0
SBO
SBO
SBO
Rm
1
0 0 0
Load/store immediate
offset
0 1 0 P U B W L
Rn
Rd
immediate
Load/store register offset
0 1 1 P U B W L
Rn
Rd
shift immediate shift 0
Swap/swap byte
0 0 0 1 0 B 0 0
Rn
Rd
1 0 0 1
SBZ
Rm
Undefined
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
cond
0 0 1
op
S
Rn
Rd
rotate
immediate
cond
0 1 1 x
1
x x x x x x x x x x x x x x x x x x x
x x x x
cond



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com