Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 70Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 71Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 72Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 73Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 74Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 75Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 76Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 77Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 242 page
background image
Instruction and Data Cache
4-2
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
4.1
About the instruction and data cache
The cache only operates on a write-through basis with a read-miss allocation policy and
a random replacement algorithm.
4.1.1
IDC operation
The ARM720T contains an 8KB mixed Instruction and Data Cache (IDC).
The C bit in the ARM720T control register and the cachable bit in the MMU page tables
only affect loading data into the cache. The cache is always searched regardless of these
two bits. If the data is found then it is used, so when the cache is disabled, it must also
be flushed.
The IDC has 512 lines of 16 bytes (four words), arranged as a 4-way set-associative
cache, and uses the virtual addresses generated by the processor core after relocation by
the FCSE PID as appropriate. The IDC is always reloaded a line at a time (four words).
It can be enabled or disabled using the ARM720T control register and is disabled on
BnRES.
The operation of the cache is further controlled by the Cachable bit (C bit) stored in the
MMU page table (see Chapter 6 Memory Management Unit). For this reason, the MMU
must be enabled in order to use the IDC. However, the two functions can be enabled
simultaneously, with a single write to the control register.
4.1.2
Cachable bit
The C bit determines whether data being read can be placed in the IDC and used for
subsequent read operations. Typically, main memory is marked as cachable to improve
system performance, and I/O space is marked as noncachable to stop the data being
stored in the ARM720T cache.
For example, if the processor is polling a hardware flag in I/O space, it is important that
the processor is forced to read data from the external peripheral, and not a copy of the
initial data held in the cache. The cachable bit can be configured for both pages and
sections.
Cachable reads (C=1)
A line fetch of four words is performed when a cache miss occurs in a cachable area of
memory, and it is randomly placed in a cache bank.
Uncachable reads (C=0)
An external memory access is performed and the cache is not written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com