Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 58Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 59Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 60Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 61Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 62Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 63Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 64Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 65Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 242 page
background image
Configuration
3-2
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
3.1
About configuration
The operation and configuration of ARM720T is controlled:
•
directly using coprocessor instructions
•
indirectly using the MMU page tables.
The coprocessor instructions manipulate a number of on-chip registers which control
the configuration of the following:
•
cache
•
write buffer
•
MMU
•
other configuration options.
3.1.1
Compatibility
To ensure backwards compatibility of future CPUs:
•
all reserved or unused bits in registers and coprocessor instructions must be
programmed to 0
•
invalid registers must not be read or written
•
the following bits must be programmed to 0:
—
Register 1, bits[31:14] and bits [12:10]
—
Register 2, bits[13:0]
—
Register 5, bits[31:9]
—
Register 7, bits[31:0]
—
Register 13 FCSE PID, bits[24:0].
3.1.2
Notation
Throughout this section, the following terms and abbreviations are used:
Unpredictable (UNP)
If specified for reads, the data returned when reading from this
location is unpredictable. It can have any value.
If specified for writes, writing to this location causes
unpredictable behavior or change in device configuration.
Should Be Zero (SBZ)
When writing to this location, all bits of this field should be zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com