Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 65Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 66Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 67Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 68Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 69Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 70Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 71Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 72Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 242 page
background image
Configuration
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
3-9
3.3.7
Register 6, Fault Address Register
Reading CP15 register 6 returns the value of the Fault Address Register (FAR). The
FAR holds the virtual address of the access that was attempted when a fault occurred.
The FAR is only updated for data faults, not for prefetch faults.
Writing CP15 register 6 sets the FAR to the value of the data written. This is useful
when a debugger has to restore the value of the FAR.
The CRm and opcode_2 fields should be zero when reading or writing CP15 register 6.
Register 6 is shown in Figure 3-10.
Figure 3-10 Register 6
Note
Register 6 contains a modified virtual address if the FCSE PID register is nonzero.
3.3.8
Register 7, cache operations
Writing to CP15 register 7 manages the unified instruction and data cache of the
ARM720T. Only one cache operation is defined using the following opcode_2 and
CRm fields in the MCR instruction that writes the CP15 register 7.
Caution
The Invalidate ID cache function invalidates all cache data. Use this with caution.
Register 7 is shown in Table 3-2.
Reading from CP15 register 7 is undefined.
3.3.9
Register 8, TLB operations
Writing to CP15 register 8 controls the Translation Lookaside Buffer (TLB). The
ARM720T implements a unified instruction and data TLB.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Fault address
Table 3-2 Cache operation
Function
opcode_2 value
CRm value
Data
Instruction
Invalidate ID cache
0b000
0b0111
SBZ
MCR
p15, 0, Rd, c7, c7, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com