Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 73Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 74Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 75Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 76Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 77Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 78Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 79Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 80Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 242 page
background image
Instruction and Data Cache
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
4-5
4.3
IDC enable, disable, and reset
The IDC is automatically disabled and flushed on BnRES. Once enabled, cachable read
accesses cause lines to be placed in the cache.
To enable the IDC:
1.
Make sure that the MMU is enabled first by setting bit 0 in the control register.
2.
Enable the IDC by setting bit 2 in the control register. The MMU and IDC can be
enabled simultaneously with a single write to the control register.
To disable the IDC:
1.
Clear bit 2 in the control register.
2.
Perform a flush by writing to the cache operations register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com