Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 87Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 88Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 89Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 90Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 91Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 92Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 93Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 94Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 242 page
background image
Memory Management Unit
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
6-9
6.6
Section descriptor
Address data is described as:
C (Cachable)
Indicates that data at this address is placed in the cache if the cache
is enabled.
B (Bufferable)
Indicates that data at this address is written through the write
buffer if the write buffer is enabled.
Note
The meaning of the C and B bits might change in later ARM processors. You are
strongly recommend to structure software so that code that manipulates the MMU page
tables is contained in a single module. It can then be updated easily when you port it to
a different ARM processor.
The bits used for the page table descriptor are as follows:
Bits [3:2] (C, B)
Control the cache and write buffer related functions.
Bit [4]
Must be written to 1 for backward compatibility.
Bits [8:5]
Specify one of the 16 possible domains held in the domain access
control register that contain the primary access controls.
Bit [9]
Is always written as 0.
Bits [11:10] (AP)
Specify the access permissions for this section and are interpreted
as listed in Table 6-3 on page 6-10. Their interpretation depends
on the setting of the S and R bits, control register bits 8 and 9. The
domain access control specifies the primary access control. The
AP bits only have an effect in client mode. Refer to Domain
access control on page 6-21.
Bits [19:12]
Are always written as 0.
Bits [31:20]
Form the corresponding bits of the physical address for the 1MB
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com