Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 82Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 83Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 84Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 85Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 86Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 87Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 88Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 89Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 242 page
background image
Memory Management Unit
6-4
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
6.2
MMU program accessible registers
The ARM720T processor provides several 32-bit registers that determine the operation
of the MMU.
Data is written to and read from the MMU registers using the ARM CPU MRC and MCR
coprocessor instructions.
A brief description of the registers is given in Table 6-1. Each register is discussed in
more detail in its relevant section.
The FSR and FAR are only updated for data faults, not for prefetch faults.
Table 6-1 MMU program accessible registers
Register
Description
Translation table
base
Holds the physical address of the base of the translation table
maintained in main memory. This base must reside on a 16KB
boundary.
Domain access
control
Consists of 16 2-bit fields, each of which defines the access
permissions for one of the 16 domains (D15–D0).
TLB operations
Allows individual or all TLB entries to be marked as invalid.
Fault status
Indicates the domain and type of access being attempted when an abort
occurred.
Bits [7:4] specify which of the 16 domains (D15-D0) was being
accessed when a fault occurred.
Bits [3:1] indicate the type of access being attempted.
The encoding of these bits is different for internal and external faults
(as indicated by bit 0 in the register) and is shown in Table 6-5 on
page 6-19.
Fault address
Holds the virtual address of the access which was attempted when a
fault occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com