Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 66Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 67Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 68Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 69Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 70Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 71Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 72Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 73Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 242 page
background image
Configuration
3-10
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
Two TLB operations are defined, and the function to be performed selected by the
opcode_2 and CRm fields in the MCR instruction used to write CP15 register 8. This is
listed in Table 3-3.
Reading from CP15 register 8 is undefined.
The Invalidate TLB function invalidates all of the unlocked entries in the TLB.
The Invalidate TLB single entry function invalidates any TLB entry corresponding to
the Virtual Address given in Rd.
Note
Register 8 contains a modified virtual address if the FCSE PID register is nonzero.
3.3.10
Registers 9 to 12, reserved
Accessing any of these registers is undefined. Writing to any of these registers is
undefined.
3.3.11
Register 13, process identifier
Two independent process identifier registers can be accessed using register 13:
•
Fast context switch extension process identifier on page 3-11
•
Trace process identifier on page 3-11.
Table 3-3 TLB operations
Function
opcode_2 value
CRm value
Data
Instruction
Invalidate TLB
0b000
0b0111
SBZ
MCR
p15, 0, Rd, c8, c7, 0
Invalidate TLB
single entry
0b001
0b0111
Virtual Address
MCR
p15, 0, Rd, c8, c7, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com