Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 63Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 64Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 65Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 66Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 67Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 68Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 69Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 70Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 242 page
background image
Configuration
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
3-7
A similar situation occurs when the MMU is disabled. The correct code sequence for
enabling and disabling the MMU is given in Interaction of the MMU, IDC, and write
buffer on page 6-26.
If the cache and write buffer are enabled when the MMU is not enabled, the results are
unpredictable.
3.3.3
Register 2, translation table base register
Reading from CP15 register 2 returns the pointer to the currently active first-level
translation table in bits [31:14] and an unpredictable value in bits [13:0]. The CRm and
opcode_2 fields should be zero when reading CP15 register 2.
Writing to CP15 register 2 updates the pointer to the currently active first-level
translation table from the value in bits [31:14] of the written value. Bits [13:0] should
be zero. The CRm and opcode_2 fields should be zero when writing CP15 register 2.
Register 2 is shown in Figure 3-6.
Figure 3-6 Register 2
3.3.4
Register 3, domain access control register
Reading from CP15 register 3 returns the value of the domain access control register.
Writing to CP15 register 3 writes the value of the domain access control register.
The domain access control register consists of 16 2-bit fields, each of which defines the
access permissions for one of the 16 domains (D15-D0).
The CRm and opcode_2 fields should be zero when reading or writing CP15 register 3.
This is shown in Figure 3-7.
Figure 3-7 Register 3
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Translation base table
UNP/SBZ
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com