Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 74Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 75Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 76Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 77Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 78Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 79Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 80Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 81Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 242 page
background image
Instruction and Data Cache
4-6
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
4.4
IDC disable for secure applications
You can disable the IDC in certain secure applications. This is achieved by forcing the
IDC to miss without triggering a line fill.
Caution
You are strongly advised not to use this feature in normal applications. When the
CACHEDIS signal is not being used then it must be held LOW.
To disable the IDC:
1.
Disable the MMU by writing to CP15 register 1 using an MCR and setting bit 0
LOW.
2.
Input the special signal, CACHEDIS.
When CACHEDIS is asserted, held HIGH, it masks out some cache signals to disable
the cache RAM banks and stop a cache hit being generated as a consequence.
Note
•
You must disable the MMU before CACHEDIS is asserted.
•
You must not enable the MMU until after CACHEDIS is deasserted.
•
ARM does not support the use of this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com